Electronic Components Datasheet Search
  English  ▼

X  

DM385AAAR21 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DM385AAAR21
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR21 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DM385AAAR21 Datasheet HTML 59Page - Texas Instruments DM385AAAR21 Datasheet HTML 60Page - Texas Instruments DM385AAAR21 Datasheet HTML 61Page - Texas Instruments DM385AAAR21 Datasheet HTML 62Page - Texas Instruments DM385AAAR21 Datasheet HTML 63Page - Texas Instruments DM385AAAR21 Datasheet HTML 64Page - Texas Instruments DM385AAAR21 Datasheet HTML 65Page - Texas Instruments DM385AAAR21 Datasheet HTML 66Page - Texas Instruments DM385AAAR21 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.3
Terminal Functions
The terminal functions tables identify the external signal names, the associated pin (ball) numbers along with the mechanical package designator,
the pin type, whether the pin has any internal pullup or pulldown resistors, and a functional pin description. For more detailed information on device
configurations, peripheral selection, and multiplexed/shared pin see Device Configurations section.
(1) SIGNAL NAME: The signal name
(2) DESCRIPTION: Description of the signal
(3) TYPE: Ball type for this specific function:
–
I = Input
–
O = Output
–
I/O = Input/Output
–
D = Open drain
–
DS = Differential
–
A = Analog
(4) BALL: Package ball location
3.3.1
Audio Tracking Logic (ATL)
Table 3-12. ATL Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
ATL_CLKOUT0
Audio Tracking Logic Clock 0 Output
O
AF31
ATL_CLKOUT1
Audio Tracking Logic Clock 1 Output
O
AF31
ATL_CLKOUT2
Audio Tracking Logic Clock 2 Output
O
AF27
ATL_CLKOUT3
Audio Tracking Logic Clock 3 Output
O
AG30
Copyright © 2013, Texas Instruments Incorporated
Device Pins
63
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com