| Electronic Components Datasheet Search |
|
DM385AAAR21 Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385AAAR21 Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 280 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.14 Oscillator/PLL, Audio Reference Clocks, and Clock Generator 3.3.14.1 Audio Reference Clocks Table 3-30. Audio Reference Clocks Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] AUD_CLKIN0 Audio Reference Clock 0 for Audio Peripherals I AF31 AUD_CLKIN1 Audio Reference Clock 1 for Audio Peripherals I AF27 AUD_CLKIN2 Audio Reference Clock 2 for Audio Peripherals I AG30 3.3.14.2 CLOCK GENERATOR Table 3-31. Clock Generator Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] CLKOUT0 Device Clock output 0. Can be used as a system clock O AJ31, H12 for other devices. CLKOUT1 Device Clock output 1. Can be used as a system clock O AB9, J16 for other devices. 3.3.14.3 OSCILLATOR/PLL Table 3-32. Oscillator/PLL Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] AUXOSC_MXI Auxiliary Crystal input [Optional Audio/Video Reference I V30 Crystal Input]. Crystal connection to internal oscillator for auxiliary clock. Functions as AUX_CLKIN clock input when an external oscillator is used. If neither a crystal or external clock is used, this pin should be connected to ground. AUXOSC_MXO Auxiliary Crystal output [Optional Audio/Video Reference O U31 Crystal Output]. When auxiliary oscillator is BYPASSED, leave this pin unconnected. CLKIN32 RTC Clock input. Optional 32.768 KHz clock for RTC I AJ31 reference. DEVOSC_MXI Device Crystal input. Crystal connection to internal I F30 oscillator for system clock. Functions as DEV_CLKIN clock input when an external oscillator is used. DEVOSC_MXO Device Crystal output. Crystal connection to internal O G31 oscillator for system clock. When device oscillator is BYPASSED, leave this pin unconnected. DEVOSC_WAKE Oscillator Wake-up input I U28 DEV_CLKIN Clock input when an external oscillator is used I F30 84 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |