Electronic Components Datasheet Search
  English  ▼

X  

DM385AAAR21 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DM385AAAR21
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR21 Datasheet(HTML) 73 Page - Texas Instruments

Back Button DM385AAAR21 Datasheet HTML 69Page - Texas Instruments DM385AAAR21 Datasheet HTML 70Page - Texas Instruments DM385AAAR21 Datasheet HTML 71Page - Texas Instruments DM385AAAR21 Datasheet HTML 72Page - Texas Instruments DM385AAAR21 Datasheet HTML 73Page - Texas Instruments DM385AAAR21 Datasheet HTML 74Page - Texas Instruments DM385AAAR21 Datasheet HTML 75Page - Texas Instruments DM385AAAR21 Datasheet HTML 76Page - Texas Instruments DM385AAAR21 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-18. EMAC Terminal Functions [(R)(G)MII] (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
EMAC[1]_MRXD[7]
[G]MII Receive Data
I
J8
EMAC[1]_MRXDV
[G]MII Receive Data Valid input
I
J1
EMAC[1]_MRXER
[G]MII Receive Data Error input
I
F1
EMAC[1]_MTCLK
[G]MII Transmit Clock input
I
D3
EMAC[1]_MTXD[0]
[G]MII Transmit Data
O
J9
EMAC[1]_MTXD[1]
[G]MII Transmit Data
O
L3
EMAC[1]_MTXD[2]
[G]MII Transmit Data
O
K1
EMAC[1]_MTXD[3]
[G]MII Transmit Data
O
H2
EMAC[1]_MTXD[4]
[G]MII Transmit Data
O
M11
EMAC[1]_MTXD[5]
[G]MII Transmit Data
O
L12
EMAC[1]_MTXD[6]
[G]MII Transmit Data
O
M10
EMAC[1]_MTXD[7]
[G]MII Transmit Data
O
J2
EMAC[1]_MTXEN
[G]MII Transmit Data Enable output
O
K2
EMAC[1]_RMCRSDV
RMII Carrier Sense input
I
AJ8, F9
EMAC[1]_RMRXD[0]
RMII Receive Data
I
AK7, D7
EMAC[1]_RMRXD[1]
RMII Receive Data
I
AE4, K10
EMAC[1]_RMRXER
RMII Receive Data Error input
I
AK8, E12
EMAC[1]_RMTXD[0]
RMII Transmit Data
O
AH8, C7
EMAC[1]_RMTXD[1]
RMII Transmit Data
O
A6, AG8
EMAC[1]_RMTXEN
RMII Transmit Data Enable output
O
A5, AF8
EMAC_RMREFCLK
RMII Reference Clock
I/O
AG1
3.3.7.2
MDIO
Table 3-19. MDIO Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
MDCLK
Management Data Serial Clock output
O
AG2
MDIO
Management Data I/O
I/O
AG3
Copyright © 2013, Texas Instruments Incorporated
Device Pins
73
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com