Electronic Components Datasheet Search
  English  ▼

X  

DM385AAAR21 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # DM385AAAR21
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR21 Datasheet(HTML) 77 Page - Texas Instruments

Back Button DM385AAAR21 Datasheet HTML 73Page - Texas Instruments DM385AAAR21 Datasheet HTML 74Page - Texas Instruments DM385AAAR21 Datasheet HTML 75Page - Texas Instruments DM385AAAR21 Datasheet HTML 76Page - Texas Instruments DM385AAAR21 Datasheet HTML 77Page - Texas Instruments DM385AAAR21 Datasheet HTML 78Page - Texas Instruments DM385AAAR21 Datasheet HTML 79Page - Texas Instruments DM385AAAR21 Datasheet HTML 80Page - Texas Instruments DM385AAAR21 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-22. GP1 Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GP1[10]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AG1
GP1[11]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AG2, B18
GP1[12]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
A17, AG3
GP1[13]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC5, M3
GP1[14]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC4, M5
GP1[15]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC6, N9
GP1[16]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J29, N1
GP1[17]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
M29, N2
GP1[18]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
M27, R8
GP1[19]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AE3
GP1[20]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AE2
GP1[21]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AE1
GP1[22]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AD2
GP1[23]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC9
GP1[24]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AA12
GP1[25]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC3
GP1[26]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AF2, N23
GP1[27]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AB9
GP1[28]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AA10
GP1[29]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
Y3
GP1[30]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
Y11
GP1[31]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
W8
3.3.9.3
GP2
Table 3-23. GP2 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GP2[0]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C12
GP2[1]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J13
GP2[2]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C9
GP2[02]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B3
GP2[3]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
D13
GP2[4]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C13
GP2[5]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AD1, M1
GP2[6]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AC8, M2
GP2[7]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B17
GP2[8]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C17
GP2[9]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
D17
GP2[10]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F17
GP2[11]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L20
GP2[12]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H20
GP2[13]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B16
GP2[14]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C16
GP2[15]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
E16
GP2[16]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H17
GP2[17]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J16
GP2[18]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H16
Copyright © 2013, Texas Instruments Incorporated
Device Pins
77
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com