Electronic Components Datasheet Search
  English  ▼

X  

DM385AAAR21 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DM385AAAR21
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR21 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DM385AAAR21 Datasheet HTML 6Page - Texas Instruments DM385AAAR21 Datasheet HTML 7Page - Texas Instruments DM385AAAR21 Datasheet HTML 8Page - Texas Instruments DM385AAAR21 Datasheet HTML 9Page - Texas Instruments DM385AAAR21 Datasheet HTML 10Page - Texas Instruments DM385AAAR21 Datasheet HTML 11Page - Texas Instruments DM385AAAR21 Datasheet HTML 12Page - Texas Instruments DM385AAAR21 Datasheet HTML 13Page - Texas Instruments DM385AAAR21 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 280 page
background image
Arbiter
128
ICECrusher
Trace
Debug
48KB ROM
64KB RAM
ARM Cortex-A8
Interrupt Controller
(AINTC)
L3
DMM
128
64
64
128
128 128
PLL_ARM
128
System Events
32
32
128
ARM Cortex-A8
NEON
ETM
256KB L2$
32KB L1I$ 32KB L1D$
DEVOSC
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
2.3
Device Compatibility
2.4
ARM® Cortex™-A8 Microprocessor Unit (Processor) Subsystem Overview
The ARM® Cortex™-A8 Subsystem is designed to allow the ARM Cortex-A8 master control of the device.
In general, the ARM Cortex-A8 is responsible for configuration and control of the various subsystems,
peripherals, and external memories.
The ARM Cortex-A8 Subsystem includes the following features:
•
ARM Cortex-A8 RISC processor:
–
ARMv7 ISA plus Thumb2™, JazelleX™, and Media Extensions
–
NEON™ Floating-Point Unit
–
Enhanced Memory Management Unit (MMU)
–
Little Endian
–
32KB L1 Instruction Cache
–
32KB L1 Data Cache
–
256KB L2 Cache with Error Correction Code (ECC)
•
CoreSight Embedded Trace Module (ETM)
•
ARM Cortex-A8 Interrupt Controller (AINTC)
•
Embedded PLL Controller (PLL_ARM)
•
64KB Internal RAM
•
48KB Internal Public ROM
Figure 2-1 shows the ARM Cortex-A8 Subsystem for the device.
Figure 2-1. ARM Cortex-A8 Subsystem
2.4.1
ARM Cortex-A8 RISC Processor
The ARM Cortex-A8 processor is a member of ARM Cortex family of general-purpose microprocessors.
This processor is targeted at multi-tasking applications where full memory management, high
performance, low die size, and low power are all important. The ARM Cortex-A8 processor supports the
ARM debug architecture and includes logic to assist in both hardware and software debug. The ARM
Cortex-A8 processor has a Harvard architecture and provides a complete high-performance subsystem,
including:
•
ARM Cortex-A8 Integer Core
•
Superscalar ARMv7 Instruction Set
•
Thumb-2 Instruction Set
•
Jazelle RCT Acceleration
•
CP14 Debug Coprocessor
10
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com