| Electronic Components Datasheet Search |
|
DM385AAAR21 Datasheet(PDF) 86 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385AAAR21 Datasheet(HTML) 86 Page - Texas Instruments |
|
86 / 280 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.16 Reserved Pins Table 3-34. Reserved Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] RSV0 Reserved. Leave unconnected, do not connect to power J25 or ground. RSV1 Reserved. Leave unconnected, do not connect to power H27 or ground. RSV2 Reserved. Leave unconnected, do not connect to power H24 or ground. RSV27 Reserved. Leave unconnected, do not connect to power L30 or ground. RSV28 Reserved. Leave unconnected, do not connect to power M30 or ground. RSV29 Reserved. Leave unconnected, do not connect to power N30 or ground. RSV3 Reserved. Leave unconnected, do not connect to power H28 or ground. RSV30 Reserved. Leave unconnected, do not connect to power N31 or ground. RSV31 Reserved. Leave unconnected, do not connect to power P31 or ground. RSV32 Reserved. Leave unconnected, do not connect to power R30 or ground. RSV33 Reserved. Leave unconnected, do not connect to power T30 or ground. RSV34 Reserved. Leave unconnected, do not connect to power AH24 or ground. RSV35 Reserved. Leave unconnected, do not connect to power AJ24 or ground. RSV39 Reserved. Leave unconnected, do not connect to power H25 or ground. RSV4 Reserved. Leave unconnected, do not connect to power PWR G17 or ground. RSV40 Reserved. Leave unconnected, do not connect to power H29 or ground. RSV41 Reserved. Leave unconnected, do not connect to power AD8 or ground. RSV42 Reserved. Leave unconnected, do not connect to power O AK21 or ground. RSV43 Reserved. Leave unconnected, do not connect to power P30 or ground. RSV5 Reserved. Leave unconnected, do not connect to power PWR G16 or ground. RSV54 For proper device operation, this pin must always be PWR M28 connected to a 1.8-V Power Supply. RSV55 For proper device operation, this pin must always be PWR N27 connected to a 1.8-V Power Supply. 86 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |