Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1720 Datasheet HTML 1Page - Monolithic Power Systems MP1720 Datasheet HTML 2Page - Monolithic Power Systems MP1720 Datasheet HTML 3Page - Monolithic Power Systems MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
2
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP1720DQ-3
6J
MP1720DQ-6
7J
MP1720DQ-9
8J
MP1720DQ-12
9J
MP1720DQ-216
QFN10 (3mm x 3mm)
2K
MP1720DH-3
1720K
MP1720DH-6
1720L
MP1720DH-9
1720M
MP1720DH-12
1720N
MP1720DH-216
MSOP10EP
1720P
-40
C to +85C
PACKAGE REFERENCE
TOP VIEW
VIN
INP
INN
DGND
SHDN
1
2
3
4
5
PVIN
OUTN
OUTP
PGND
CLK
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
1
2
3
4
5
10
9
8
7
6
TOP VIEW
VIN
INP
INN
DGND
SHDN
PVIN
OUTN
OUTP
PGND
CLK
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
QFN10
MSOP10EP
ABSOLUTE MAXIMUM RATINGS (1)
VIN to DGND...............................................6.0V
PVIN to PGND ............................................6.0V
DGND to PGND ..........................-0.3V to +0.3V
PVIN to VIN .................................-0.3V to +0.3V
All Other Pins to DGND….-0.3V to (VIN + 0.3V)
Continuous Power Dissipation
(TA = +25°C)
(2)
QFN10 ....................................................... 2.5W
MSOP10-EP .............................................. 1.2W
Junction Temperature.............................+140°C
Storage Temperature Range ...-65°C to +150°C
Lead Temperature (soldering, 10s) ........+260°C
Recommended Operating Conditions
(3)
Supply Voltage VIN.........................2.5V to 5.5V
Operating Junct. Temp. (TJ)..... -40C to +125C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10..............................50 ...... 12 ...
C/W
MSOP10-EP ..........................105 ..... 19 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com