Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems MP1720 Datasheet HTML 10Page - Monolithic Power Systems MP1720 Datasheet HTML 11Page - Monolithic Power Systems MP1720 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
8
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
VIN = PVIN = SHDN=3.3V, DGND = PGND = 0V, CLK = DGND (fCLK=1.0MHz), signal frequency
fs=1kHz, Gain=12dB, TA = +25C, unless otherwise noted
(6,7,8).
700
900 1100 1300
Efficiency vs. POUT
VIN=3.3V
Efficiency vs. POUT
VIN=5V
-80
+0
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200 500 1k 2k
5k 10k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
POUT(W)
POUT(W)
0
10
20
30
40
50
60
70
80
90
100
0
0.4 0.8 1.2 1.6
2
2.4 2.8
Efficiency vs. CLK Frequency
VIN=3.3V, THD+N=1%
Efficiency vs. CLK Frequency
VIN=5V, THD+N=1%
0
10
20
30
40
50
60
70
80
90
100
500
700
900
1100
1300
0
10
20
30
40
50
60
70
80
90
100
500
CLK FREQUENCY(kHz)
CLK FREQUENCY(kHz)
VIN(V)
SHDN
2V/div
ILOAD
100mA/div
0
0.5
1
1.5
2
2.5
3
2.5
3.5
4.5
5.5
VIN(V)
2.5
3.5
4.5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
THD+N=1%
THD+N=1%
THD+N=10%
THD+N=10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
COMMON MODE VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com