Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1720 Datasheet HTML 1Page - Monolithic Power Systems MP1720 Datasheet HTML 2Page - Monolithic Power Systems MP1720 Datasheet HTML 3Page - Monolithic Power Systems MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP1720
2.7W Mono Class D
Low-EMI High-Efficiency Audio Amplifier
MP1720 Rev. 1.01
www.MonolithicPower.com
1
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1720 is a high efficiency Class-D audio
amplifier. It utilizes a full bridge output structure
capable of delivering 2.7W into 4Ω speaker.
This device exhibits the high fidelity of a class
AB amplifier with an efficiency of 90% which
dramatically reduces solution size by integrating
the following:
250mΩ power MOSFETs (VIN =3.3V)
Startup / Shutdown pop elimination
Short circuit /Thermal overload Protection
The MP1720 features a pin-selectable 1MHz or
1.3MHz
frequency
control
or
can
be
synchronized to an external clock source. The
flexible switching frequency and internal EMI-
reduction scheme eliminates the need for an
output LC filter and passes emission standards
without filter & with considerable cable.
The MP1720 has five fixed gain options.
MP1720-3: 3dB; MP1720-6: 6dB; MP1720-9:
9dB; MP1720-12: 12dB; MP1720-216: 21.6dB.
The MP1720 is available in 10-pin MSOP-EP
and 10-pin QFN packages.
FEATURES
 Passes FCC-Radiated Emissions Standards
with 24inch of Cable without output filter
 2.7W Into 4Ω with 5V VIN @ 10% THD+N
 Up to 90% Efficiency
 Flexible Switching Frequency setting
 Low Noise (53μV Typical) with 3.3V VIN
 15ms Start-up time Eliminates pop
 Low Quiescent Current (4mA @3.3V)
 Low Shutdown Current (0.1μA)
 Full Bridge Output Drive
 Fully Differential Input
 Short circuit Protection
 Thermal Shutdown
APPLICATIONS
 Cellular Phones
 PDAs
 MP3 Players
 Portable Audio
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1720
Power Supply
INP
INN
DGND
SHDN
PVIN
PGND
OUTP
OUTN
CLK
OUT
-
OUT
+
Cs
IN+
IN-
Cs
CIN
CIN
Enable
VIN
-10
0
10
20
30
40
50
100
30
300
FCC EMI LIMIT
FREQUENCY (MHz)


Similar Part No. - MP1720

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MP1720-1-FH MSYSTEM-MP1720-1-FH Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1720-1-FR MSYSTEM-MP1720-1-FR Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1720-1-FT MSYSTEM-MP1720-1-FT Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1720-1-FV MSYSTEM-MP1720-1-FV Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1720-1-FX MSYSTEM-MP1720-1-FX Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
More results

Similar Description - MP1720

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9759 MAXIM-MAX9759 Datasheet
957Kb / 20P
3.2W, High-Efficiency, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/05
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
2.7W Boosted Class-D Audio Power Amplifier
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
Analog Devices
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
logo
Monolithic Power System...
EV1720DQ-009-00A MPS-EV1720DQ-009-00A Datasheet
323Kb / 6P
2.7W Low-EMI Mono Class D Audio Amplifier Evaluation Board
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com