Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems MP1720 Datasheet HTML 10Page - Monolithic Power Systems MP1720 Datasheet HTML 11Page - Monolithic Power Systems MP1720 Datasheet HTML 12Page - Monolithic Power Systems MP1720 Datasheet HTML 13Page - Monolithic Power Systems MP1720 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
12
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Differential
Input
MP1720
VIN
INP
INN
DGND
SHDN
PVIN
PGND
OUTN
OUTP
CLK
OUT+
OUT-
Enable
Ext-clock
1.0MHz
1.3MHz
0.5~1.4MHz
100pF
Cs
0.1
10
Cs
IN+
IN-
Figure 2—MP1720 Application Schematic with Differential Input
(Input DC-biased voltage is within the recommended common-mode voltage range)
MP1720
VIN
INP
INN
DGND
SHDN
PVIN
PGND
OUTN
OUTP
CLK
OUT+
OUT-
IN+
IN-
Ext-clock
1.0MHz
1.3MHz
0.5~1.4MHz
Enable
100pF
50
1
1
Cs
0.1
10
Cs
CIN
CIN
Differential
Input
Figure 3—MP1720 Application Schematic with Differential Input
(Input DC-biased voltage is out of the recommended common-mode voltage range)
MP1720
VIN
INP
INN
DGND
SHDN
PVIN
PGND
OUTN
OUTP
CLK
OUT+
OUT-
SE Input
CIN
Enable
Cs
Ext-clock
1.0MHz
1.3MHz
0.5~1.4MHz
CIN 1
1
0.1
10
100pF
50
Cs
Figure 4—MP1720 Application Schematic with Single Ended Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com