Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1720 Datasheet HTML 1Page - Monolithic Power Systems MP1720 Datasheet HTML 2Page - Monolithic Power Systems MP1720 Datasheet HTML 3Page - Monolithic Power Systems MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
3
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = PVIN =
SHDN=3.3V, DGND = PGND = 0V, CLK = DGND (fCLK=1.0MHz), RLoad = ∞, RLoad
connected between OUT+ and OUT-, TA = +25C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Offset Voltage
|VOS|
Vs=0V, Av=4V/V,
VIN=2.5V to 5.5V
± 6
± 80
mV
Power Supply Rejection Ratio
PSRR
VIN=2.5V to 5.5V
-70
dB
Common Mode Rejection Ratio
CMRR
VIN=3.3V, VID=0.05V,
ΔVIC=0.6V
-66
dB
VIN=5.5V, no load,
switching
7
VIN=3.3V, no load,
switching
4
8
Quiescent Current
IQ
VIN=2.5V, no load,
switching
3.5
mA
Shut Down Current
Ids
SHDN
=0, VIN=2.5V to
5.5V
0.1
4
μA
Turn-On Time
tON
15
ms
Input Equivalent Resistance
RINE
12
21
kΩ
MP1720-3
950
995
1035
MP1720-6
900
940
980
MP1720-9
820
860
900
MP1720-12
745
784
825
Input Bias Voltage
VBIAS
Either
input
MP1720-216
410
465
530
mV
MP1720-3
1.3
1.4
1.5
MP1720-6
1.9
2.0
2.1
MP1720-9
2.7
2.85
3.0
MP1720-12
3.8
4.0
4.2
Voltage Gain
AV
MP1720-216
11.4
12.0
12.6
V/V
Output Slew Rate
SR
VIN=3.3V
200
V/μs
Rise/Fall Time
tRISE,tFALL 10% to 90%
12
ns
CLK = GND
1000
Oscillator Frequency
fOSC
CLK = FLOAT
1300
kHz
CLK Frequency Lock Range
FCLK
VIN=2.5V to 5.5V
500
1400
kHz
UVLO
2.25
V
VCLKH
2.5
CLK Input Thresholds
VCLKL
VIN=2.5V to 5.5V
1
V
VSDH
1.6
SHDN
Input Thresholds
VSDL
VIN=2.5V to 5.5V
0.45
V
SHDN
Input Leakage Current
ILkg_SHND
SHDN
=6.3V
0.1
±1
μA
CLK Input Current
(5)
ILkg_CLK
Vclk = 0V
-1.25
±10
μA
Notes:
5) CLK has an internal 1MΩ resistor to VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com