Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1720 Datasheet HTML 2Page - Monolithic Power Systems MP1720 Datasheet HTML 3Page - Monolithic Power Systems MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems MP1720 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
6
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Control Logic
UVLO
SHDN
5
Power Supply
VIN
PVIN
1
10
INP
INN
OSC
PLL
FREQUENCY
SELECT
6
CLK
LOGIC
PVIN
PVIN
PGND
PGND
OUTP
OUTN
8
9
U2
--
+
U3
--
+
U1
--
+
--
+
R3
R4
R1
R2
2
3
START UP
OTP
OCP
PGND
DGND
74
MP1720
Figure 1—MP1720 Functional Block Diagram
TYPICAL PERFORMANCE CHARACTERISTICS
TEST SET-UP GRAPH
MP1720
VIN
INP
INN
DGND
SHDN
PVIN
PGND
OUTP
OUTN
CLK
+
-
Measurement
Output
+
-
Measurement
Input
load
1uF
1uF
0.1uF
0.1uF
10uF
15uH
15uH
33nF
33nF
0.15uF
22ohm
22ohm
68nF
68nF
Notes:
6) The 70kHz low-pass filter is required even if the analyzer has a low-pass filter.
7) For PSRR test, Please remove the 10uF decoupling capacitor and just keep the small decoupling capacitors for recovery switching
currents.
8) CIN was shorted for any Common-Mode input voltage measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com