Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1720 Datasheet HTML 1Page - Monolithic Power Systems MP1720 Datasheet HTML 2Page - Monolithic Power Systems MP1720 Datasheet HTML 3Page - Monolithic Power Systems MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
4
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION CHARACTERISTICS
TEST SET-UP GRAPH, VIN = PVIN = SHDN=3.3V, DGND = PGND = 0V, CLK = DGND
(fCLK=1.0MHz), RLoad = 4Ω, Gain=12dB, TA = +25C, unless otherwise noted
(6).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIN =5.0V
2.14
VIN =3.3V
0.87
THD+N=1%,
RLoad=4Ω
VIN =2.5V
0.48
VIN =5.0V
2.78
VIN =3.3V
1.18
THD+N=10%,
RLoad=4Ω
VIN =2.5V
0.64
W
VIN =5.0V
1.19
VIN =3.3V
0.55
THD+N=1%,
RLoad=8Ω
VIN =2.5V
0.31
VIN =5.0V
1.56
VIN =3.3V
0.71
Output Power
POUT
THD+N=10%,
RLoad=8Ω
VIN =2.5V
0.40
W
POUT=2W,
VIN =5.0V
0.15%
POUT=0.8W
VIN=3.3V
0.13%
Total Distortion Pulse
Noise
THD+N
POUT=0.4W
VIN=2.5V
0.13%
Supply Ripple
Rejection Ratio
(7)
KSVR
fS=217Hz,
VRipple=300mVPP,
input AC-ground
VIN=3.3V
-60
dB
Signal to Noise Ratio
SNR
VOUT=2 VRMS
A-weighted
VIN=3.3V
91.3
dB
No weighting
72
Output Noise
Vn
VIN=3.3V, fs=20Hz
to 20kHz, input AC-
grounded
A weighting
53
μVRMS
Common Mode
Rejection Ratio
(8)
CMRR
VicRIPPLE=300mVPP,
fs=1kHz
VIN=3.3V
-62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com