Electronic Components Datasheet Search
  English  ▼

X  

MP1720 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1720
Description  2.7W Mono Class D Low-EMI High-Efficiency Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1720 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1720 Datasheet HTML 3Page - Monolithic Power Systems MP1720 Datasheet HTML 4Page - Monolithic Power Systems MP1720 Datasheet HTML 5Page - Monolithic Power Systems MP1720 Datasheet HTML 6Page - Monolithic Power Systems MP1720 Datasheet HTML 7Page - Monolithic Power Systems MP1720 Datasheet HTML 8Page - Monolithic Power Systems MP1720 Datasheet HTML 9Page - Monolithic Power Systems MP1720 Datasheet HTML 10Page - Monolithic Power Systems MP1720 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP1720 – 2.7W LOW EMI HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1720 Rev. 1.01
www.MonolithicPower.com
7
8/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
VIN = PVIN = SHDN=3.3V, DGND = PGND = 0V, CLK = DGND (fCLK=1.0MHz), signal frequency
fs=1kHz, Gain=12dB, TA = +25C, unless otherwise noted
(6,7,8).
POUT (W)
POUT (W)
POUT (W)
Frequency Response
VIN=3.3V, POUT=100mW
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
60m
4
80m100m
200m 300m 500m 700m 1
2
3
60m 80m100m
200m 300m
500m 700m
1
2
60m 70m 100m
200m 300m
500m 700m
1
2
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
VIN=5V
VIN=3.3V
VIN=2.5V
VIN=5V
VIN=2.5V
VIN=3.3V
CLK=GND
(1.0MHz)
CLK=EXT
(1.4MHz)
CLK=EXT
(500kHz)
CLK=Float
(1.3MHz)
20
20k
50 100 200 500 1k 2k
5k 10k
20
20k
50 100 200 500 1k 2k
5k 10k
20
20k
50 100 200 500 1k 2k
5k 10k
20
20k
50 100 200 500 1k 2k
5k 10k
0 . 001
20
0 . 002
0 . 005
0. 01
0. 02
0. 05
0. 1
0. 2
0. 5
1
2
5
10
POUT=400mW
POUT=50mW
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
POUT=800mW
POUT=100mW
CLK=Float
(1.3MHz)
CLK=GND
(1.0MHz)
CLK=EXT
(1.4MHz)
CLK=EXT
(500kHz)
10
40k
20
50 100 200 500 1k 2k
5k 10k 20k
-10
+4
-8
-6
-4
-2
+0
+2
2k
20k
4k
6k
8k 10k 12k 14k 16k 18k
120
+0
100
80
60
40
20
-70
+0
-60
-50
-40
-30
-20
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com