Electronic Components Datasheet Search
  English  ▼

X  

MP8736 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8736 Datasheet HTML 14Page - Monolithic Power Systems MP8736 Datasheet HTML 15Page - Monolithic Power Systems MP8736 Datasheet HTML 16Page - Monolithic Power Systems MP8736 Datasheet HTML 17Page - Monolithic Power Systems MP8736 Datasheet HTML 18Page - Monolithic Power Systems MP8736 Datasheet HTML 19Page - Monolithic Power Systems MP8736 Datasheet HTML 20Page - Monolithic Power Systems MP8736 Datasheet HTML 21Page - Monolithic Power Systems MP8736 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
18
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Cdc in a reasonable value without affecting the
system start up. Be noted that even when the
Cdc is applied, the load and line regulation are
still Vramp related.
Figure11—Simplified Circuit of Ceramic
Capacitor with DC blocking capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous. Therefore, a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Ceramic capacitors are recommended for best
performance. In the layout, it’s recommended to
put the input capacitors as close to the IN pin as
possible.
The
capacitance
varies
significantly
over
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over temperature.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV
=×
× −
(18)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
=
(19)
For simplification, choose the input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is input
voltage ripple requirement in the system design,
choose the input capacitor that meets the
specification
The input voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
FC
V
V
Δ=
×
× −
×
(20)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
IN
SW
IN
I
1
V
4F
C
Δ= ×
×
(21)
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POSCAP
capacitors are recommended. The output voltage
ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C
Δ=
× −
×
+
××
×
(22)
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated as:
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8F
L C
V
Δ=
× −
×× ×
(23)
The output voltage ripple caused by ESR is very
small. Therefore, an external ramp is needed to
stabilize the system. The external ramp can be
generated through resistor R4 and capacitor C4
following equation 5, 8 and 9.
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. The ramp voltage generated from the
ESR is high enough to stabilize the system.
Therefore, an external ramp is not needed. A
minimum ESR value around 12mΩ is required to
ensure stable operation of the converter. For
simplification,
the
output
ripple
can
be
approximated as:
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V
Δ=
× −
×
×
(24)
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switching input voltage. A larger value
inductor will result in less ripple current that will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com