Electronic Components Datasheet Search
  English  ▼

X  

MP8736 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8736 Datasheet HTML 12Page - Monolithic Power Systems MP8736 Datasheet HTML 13Page - Monolithic Power Systems MP8736 Datasheet HTML 14Page - Monolithic Power Systems MP8736 Datasheet HTML 15Page - Monolithic Power Systems MP8736 Datasheet HTML 16Page - Monolithic Power Systems MP8736 Datasheet HTML 17Page - Monolithic Power Systems MP8736 Datasheet HTML 18Page - Monolithic Power Systems MP8736 Datasheet HTML 19Page - Monolithic Power Systems MP8736 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
16
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
too small. Otherwise, it’s easy to hit the current
limit during SS. A minimum value of 4.7nF should
be used if the output capacitance value is larger
than 330μF.
Power Good (PGOOD)
The MP8736 has power-good (PGOOD) output.
The PGOOD pin is the open drain of a MOSFET.
It should be connected to VCC or other voltage
source through a resistor (e.g. 100k). After the
input voltage is applied, the MOSFET is turned
on so that the PGOOD pin is pulled to GND
before SS is ready. After FB voltage reaches
90% of REF voltage, the PGOOD pin is pulled
high after a delay.
The PGOOD delay time is determined as follows:
PGOOD
SS
T
(ms) 0.5 T (ms) 0.5
=×
+
(12)
When the FB voltage drops to 85% of REF
voltage, the PGOOD pin will be pulled low.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP8736 has cycle-by-cycle over-current limit
control. The inductor current is monitored during
the ON state. Once it detects that the inductor
current is higher than the current limit, the HS-
FET is turned off. At the same time, the OCP
timer is started. The OCP timer is set as 40μs. If
in the following 40μs, the current limit is hit for
every cycle, then it’ll trigger OCP latch-off. The
converter needs power cycle to restart after it
triggers OCP.
If short circuit happens, then the current limit will
be hit immediately and the FB voltage will
become lower than 50% of the REF voltage.
When the current limit is hit and the FB voltage is
lower than 50% of the REF voltage (0.815V), the
device considers this as a dead short on the
output and triggers SCP latch-off immediately.
This is short circuit protection (SCP).
Over/Under-voltage Protection (OVP/UVP)
The MP8736 monitors the output voltage through
a resistor divider feedback (FB) voltage to detect
overvoltage and undervoltage on the output.
When the FB voltage is higher than 125% of the
REF voltage (0.815V), it’ll trigger OVP latch-off.
Once it triggers OVP, the LS-FET is always on
while the HS-FET is always off. It needs power
cycle to power up again. When the FB voltage is
below 50% of the REF voltage (0.815V), it is
recognized as UV (under-voltage). Usually, UVP
accompanies a hit in current limit and this results
in SCP.
UVLO protection
The
MP8736
has
under-voltage
lock-out
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MP8736 will be powered up. It shuts off when
the input voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection.
Thermal Shutdown
Thermal shutdown is employed in the MP8736.
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 150ºC), the
converter shuts off. This is a non-latch protection.
There is about 25ºC hysteresis. Once the
junction temperature drops to about 125ºC, it
initiates a SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com