Electronic Components Datasheet Search
  English  ▼

X  

MP8736 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8736 Datasheet HTML 1Page - Monolithic Power Systems MP8736 Datasheet HTML 2Page - Monolithic Power Systems MP8736 Datasheet HTML 3Page - Monolithic Power Systems MP8736 Datasheet HTML 4Page - Monolithic Power Systems MP8736 Datasheet HTML 5Page - Monolithic Power Systems MP8736 Datasheet HTML 6Page - Monolithic Power Systems MP8736 Datasheet HTML 7Page - Monolithic Power Systems MP8736 Datasheet HTML 8Page - Monolithic Power Systems MP8736 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
3
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
0
μA
Supply Current (Quiescent)
IIN
VEN = 2V
VFB = 1V
500
μA
HS Switch On Resistance
(5)
HSRDS-ON
30
mΩ
LS Switch On Resistance
(5)
LSRDS-ON
12
mΩ
Switch Leakage
SWLKG
VEN = 0V
VSW = 0V or 12V
0
10
μA
Current Limit
ILIMIT
12
A
One-Shot On Time
TON
R7=301kΩ
VOUT=1.2V
250
ns
Minimum Off Time
(5)
TOFF
100
ns
Fold-back Off Time
(5)
TFB
ILIM=1(HIGH)
1.4
μs
OCP hold-off time
(5)
TOC
ILIM=1(HIGH)
40
μs
Feedback Voltage
VFB
807
815
823
mV
Feedback Current
IFB
VFB = 815mV
10
50
nA
Soft Start Charging Current
ISS
VSS=0V
8.5
μA
Soft Stop Charging Current
ISS
VSS=0.815V
8.5
μA
Power Good Rising Threshold
PGOODVth-Hi
0.9
VFB
Power Good Falling Threshold
PGOODVth-Lo
0.85
VFB
Power Good Rising delay
TPGOOD
TSS= 1ms
1
ms
Power Good Rising delay
TPGOOD
TSS =2ms
1.5
ms
Power Good Rising delay
TPGOOD
TSS =3ms
2
ms
EN Rising Threshold
ENVth-Hi
1.05
1.35
1.60
V
EN Threshold Hysteresis
ENVth-Hys
250
420
550
mV
EN Input Current
IEN
VEN = 2V
2
μA
VIN
Under-Voltage
Lockout
Threshold Rising
INUVVth
3.8
4.0
4.2
V
VIN
Under-Voltage
Lockout
Threshold Hysteresis
INUVHYS
880
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
5
%
Vo
Over-Voltage
Protection
Threshold
VOVP
1.25
VFB
Vo
Under-Voltage
Detection
Threshold
VUVP
0.7
VFB
Thermal Shutdown
TSD
150
°C
Thermal Shutdown Hysteresis
TSD-HYS
25
°C
Note
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com