Electronic Components Datasheet Search
  English  ▼

X  

MP8736 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8736 Datasheet HTML 15Page - Monolithic Power Systems MP8736 Datasheet HTML 16Page - Monolithic Power Systems MP8736 Datasheet HTML 17Page - Monolithic Power Systems MP8736 Datasheet HTML 18Page - Monolithic Power Systems MP8736 Datasheet HTML 19Page - Monolithic Power Systems MP8736 Datasheet HTML 20Page - Monolithic Power Systems MP8736 Datasheet HTML 21Page - Monolithic Power Systems MP8736 Datasheet HTML 22Page - Monolithic Power Systems MP8736 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
19
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
result in lower output ripple voltage. However, a
larger value inductor will have a larger physical
size, higher series resistance, and/or lower
saturation current. A good rule for determining
the inductor value is to allow the peak-to-peak
ripple current in the inductor to be approximately
30~40% of the maximum switch current limit.
Also, make sure that the peak inductor current is
below the maximum switch current limit. The
inductance value can be calculated as:
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
=× −
×Δ
(25)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V
=+
× −
×
(26)
The inductors listed in Table 1 are highly
recommended for the high efficiency they can
provide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com