Electronic Components Datasheet Search
  English  ▼

X  

MP8736 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8736 Datasheet HTML 15Page - Monolithic Power Systems MP8736 Datasheet HTML 16Page - Monolithic Power Systems MP8736 Datasheet HTML 17Page - Monolithic Power Systems MP8736 Datasheet HTML 18Page - Monolithic Power Systems MP8736 Datasheet HTML 19Page - Monolithic Power Systems MP8736 Datasheet HTML 20Page - Monolithic Power Systems MP8736 Datasheet HTML 21Page - Monolithic Power Systems MP8736 Datasheet HTML 22Page - Monolithic Power Systems MP8736 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
20
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Table 1—Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(mΩ)
Current
Rating (A)
Dimensions
L
x W x H (mm
3)
Switching
Frequency
(kHz)
PCMC-135T-
R68MF
Cyntec
0.68
1.7
34
13.5 x 12.6 x 4.8
600
FDA1254-1R0M
TOKO
1
2
25.2
13.5 x 12.6 x 5.4
300~600
FDA1254-1R2M
TOKO
1.2
2.05
20.2
13.5 x 12.6 x 5.4
300~600
we-744314047
Wurth
0.47
1.35
20
7.00 x 6.90 x 4.80
600~2MHz
Typical Design Parameter Tables
The following tables include recommended
component values for typical output voltages
1.2V, 2.5V, 3.3V) and switching frequencies
(300kHz, 500kHz, and 700kHz). Refer to Tables
2-4 for design cases without external ramp
compensation and Tables 5-7 for design cases
with external ramp compensation. External ramp
is not needed when high-ESR capacitors, such
as electrolytic or POSCAPs are used. External
ramp is needed when low-ESR capacitors, such
as ceramic capacitors are used. For cases not
listed in this datasheet, a calculator in excel
spreadsheet can also be requested through a
local sales representative to assist with the
calculation.
Table 2—300kHz, 12VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1.2
2.2
12.1
26.1
750
2.5
2.2
30
14.3
1500
3.3
1
40.2
13.3
1600
Table 3—500kHz, 12VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1.2
1
12.1
26.1
442
2.5
1
30
14.3
845
3.3
1
40.2
13.3
1000
Table 4—700kHz, 12VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1.2
1
12.1
26.1
316
2.5
1
30
14.3
590
3.3
1
40.2
13.3
806
Table 5—300kHz, 12VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1.2
2.2
12.1
26.1
330
220
750
2.5
2.2
30
14.3
402
220
1500
3.3
2.2
40.2
12.4
422
220
1600
Table 6—500kHz, 12VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1.2
1
12.1
26.1
374
220
442
2.5
1
30
14.3
412
220
845
3.3
1
40.2
12.4
422
220
1000
Table 7—700kHz, 12VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1.2
1
12.1
26.1
240
220
316
2.5
1
30
14.3
412
220
590
3.3
1
40.2
12.4
422
220
806
Table 8—1.5MHz, 5VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
0.9
0.47
1.8
20
200
270
89.8
1
0.47
4.37
20
200
270
100
1.2
0.47
9.92
20
200
270
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com