Electronic Components Datasheet Search
  English  ▼

X  

MP8736 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8736 Datasheet HTML 1Page - Monolithic Power Systems MP8736 Datasheet HTML 2Page - Monolithic Power Systems MP8736 Datasheet HTML 3Page - Monolithic Power Systems MP8736 Datasheet HTML 4Page - Monolithic Power Systems MP8736 Datasheet HTML 5Page - Monolithic Power Systems MP8736 Datasheet HTML 6Page - Monolithic Power Systems MP8736 Datasheet HTML 7Page - Monolithic Power Systems MP8736 Datasheet HTML 8Page - Monolithic Power Systems MP8736 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
5
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT =1.05V, L=1.2µH, TA=+25°C, unless otherwise noted.
Frequency vs. Load Current
1
10
100
1000
0.01
0.1
1
10
IO (A)
VIN (V)
Frequency vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
4
6
8
10121416
IO=6A
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0 20 40 60 80 100120140
Temp (oC)
Frequency vs. Temperature
Load Regulation
Thermal Test
Line Regulation
IO (A)
IO (A)
VIN (V)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
4
6
8
101214161820
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
6
VIN=12V
VIN=19V
VIN=8V
Efficiency
VIN=12V
IO (A)
IO (A)
FSW=600kHz
Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
6
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
6
0
10
20
30
40
50
60
70
80
90
02468
10
VIN=8V
VIN=12V
VIN=19V
FSW=300kHz
FSW=600kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com