Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 18Page - Microsemi Corporation AX250 Datasheet HTML 19Page - Microsemi Corporation AX250 Datasheet HTML 20Page - Microsemi Corporation AX250 Datasheet HTML 21Page - Microsemi Corporation AX250 Datasheet HTML 22Page - Microsemi Corporation AX250 Datasheet HTML 23Page - Microsemi Corporation AX250 Datasheet HTML 24Page - Microsemi Corporation AX250 Datasheet HTML 25Page - Microsemi Corporation AX250 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 262 page
background image
Detailed Specifications
2- 8
R ev isio n 1 8
Timing Model
Hardwired Clock – Using LVTTL 24 mA High Slew Clock I/O
Routed Clock – Using LVTTL 24 mA High Slew Clock I/O
Note:
Worst case timing data for the AX1000, –2 speed grade
Figure 2-1 •
Worst Case Timing Data
Combinatorial
Cell
Combinatorial
Cell
Combinatorial
Cell
Combinatorial
Cell
DQ
DQ
DQ
Y
FCO
+
+
Routed Clock
Register Cell
LVPECL
LVPECL
LVDS
Register Cell
Hardwired or
Routed Clock
Hardwired Clock
I/O Module
I/O Module
(Registered)
I/O Module
(Nonregistered)
I/O Module
(Non- registered)
I/O Module
(Nonregistered)
Y
Buffer
Module
Buffer
Module
Buffer
Module
Carry Chain
I/O
I/O
LVTTL
Output Drive
Strength = 4 (24 mA)
High Slew Rate
tHCKH = 3.03 ns
FMAX (external) = 350 MHz
FMAX (internal) = 870 MHz
tSUD = 0.23 ns
tICKLQ = 0.67 ns
tDP = 1.66 ns
tRD2 = 0.53 ns
tDP = 1.80 ns
tHCKL = 3.02 ns
tRCKL = 3.08 ns
tRCO = 0.67 ns
tSUD = 0.23 ns
tRD1 = 0.45 ns
tPD = 0.74 ns
tRCKL = 3.08 ns
FMAX (external) = 350 MHz
FMAX (internal) = 870 MHz
tRCO = 0.67 ns
tSUD = 0.23 ns
tBPFD = 0.12 ns
tPY = 1.13 ns
GTL + 3.3 V
tIOCLKY = 0.67 ns
tSUD = 0.23 ns
tBFPD = 0.12 ns tPD = 0.74 ns tBFPD = 0.12 ns
tPDC = 0.57 ns
tCCY = 0.61 ns
tPY = 2.99 ns
tPY = 2.24 ns
tRD1 = 0.45 ns
tRD2 = 0.53 ns
tRD3 = 0.56 ns
External Setup
= (tDP + tRD2 + tSUD) – tHCKL
= (1.72 + 0.53 + 0.23) – 3.02 = –0.54 ns
Clock-to-Out (Pad-to-Pad)
= tHCKL + tRCO + tRD1 + tPY
= 3.02 + 0.67 + 0.45 + 2.99 = 7.13 ns
External Setup
= (tDP + tRD2 + tSUD) – tRCKH
= (1.72 + 0.53 + 0.23) – 3.13 = –0.65 ns
Clock-to-Out (Pad-to-Pad)
= tRCKH + tRCO + tRD1 + tPY
= 3.13 + 0.67 + 0.45 + 3.03 = 7.24 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com