Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 24Page - Microsemi Corporation AX250 Datasheet HTML 25Page - Microsemi Corporation AX250 Datasheet HTML 26Page - Microsemi Corporation AX250 Datasheet HTML 27Page - Microsemi Corporation AX250 Datasheet HTML 28Page - Microsemi Corporation AX250 Datasheet HTML 29Page - Microsemi Corporation AX250 Datasheet HTML 30Page - Microsemi Corporation AX250 Datasheet HTML 31Page - Microsemi Corporation AX250 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 262 page
background image
Detailed Specifications
2- 14
R e v i sio n 1 8
I/O Banks and Compatibility
Since each I/O bank has its own user-assigned input reference voltage (VREF) and an input/output
supply voltage (VCCI), only I/Os with compatible standards can be assigned to the same bank.
Table 2-11 shows the compatible I/O standards for a common VREF (for voltage-referenced standards).
Similarly, Table 2-12 shows compatible standards for a common VCCI.
Table 2-11 • Compatible I/O Standards for Different VREF Values
VREF
Compatible Standards
1.5 V
SSTL 3 (Class I and II)
1.25 V
SSTL 2 (Class I and II)
1.0 V
GTL+ (2.5V and 3.3V Outputs)
0.75 V
HSTL (Class I)
Table 2-12 • Compatible I/O Standards for Different VCCI Values
VCCI1
Compatible Standards
VREF
3.3 V
LVTTL, PCI, PCI-X, LVPECL, GTL+ 3.3 V
1.0
3.3 V
SSTL 3 (Class I and II), LVTTL, PCI, LVPECL
1.5
2.5 V
LVCMOS 2.5 V, GTL+ 2.5 V, LVDS2
1.0
2.5 V
LVCMOS 2.5 V, SSTL 2 (Classes I and II), LVDS2
1.25
1.8 V
LVCMOS 1.8 V
N/A
1.5 V
LVCMOS 1.5 V, HSTL Class I
0.75
Notes:
1. VCCI is used for both inputs and outputs
2. VCCI tolerance is
±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com