Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 97 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 97 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 93Page - Microsemi Corporation AX250 Datasheet HTML 94Page - Microsemi Corporation AX250 Datasheet HTML 95Page - Microsemi Corporation AX250 Datasheet HTML 96Page - Microsemi Corporation AX250 Datasheet HTML 97Page - Microsemi Corporation AX250 Datasheet HTML 98Page - Microsemi Corporation AX250 Datasheet HTML 99Page - Microsemi Corporation AX250 Datasheet HTML 100Page - Microsemi Corporation AX250 Datasheet HTML 101Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 83
Sample Implementations
Frequency Synthesis
Figure 2-53 illustrates an example where the PLL is used to multiply a 155.5 MHz external clock up to
622 MHz. Note that the same PLL schematic could use an external 350 MHz clock, which is divided
down to 155 MHz by the FPGA internal logic.
Figure 2-54 illustrates the PLL using both dividers to synthesize a 133 MHz output clock from a 155 MHz
input reference clock. The input frequency of 155 MHz is multiplied by 6 and divided by 7, giving a CLK1
output frequency of 132.86 MHz. When dividers are used, a given ratio can be generated in multiple
ways, allowing the user to stay within the operating frequency ranges of the PLL.
Adjustable Clock Delay
Figure 2-55 illustrates using the PLL to delay the reference clock by employing one of the adjustable
delay lines. In this case, the output clock is delayed relative to the reference clock. Delaying the
reference clock relative to the output clock is accomplished by using the delay line in the feedback path.
Figure 2-53 • Using the PLL 155.5 MHz In, 622 MHz Out
Delay Line
PLL
Delay Line
RefCLK
FB
/i
6
/j
6
CLK1
Power-Down
Lock
CLK2
FBMuxSel
5
DividerI
DelayLine
DividerJ
LowFreq
3
Osc
+4
155.5 MHz
622 MHz
/i Delay
Match
/j Delay
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com