Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 68Page - Microsemi Corporation AX250 Datasheet HTML 69Page - Microsemi Corporation AX250 Datasheet HTML 70Page - Microsemi Corporation AX250 Datasheet HTML 71Page - Microsemi Corporation AX250 Datasheet HTML 72Page - Microsemi Corporation AX250 Datasheet HTML 73Page - Microsemi Corporation AX250 Datasheet HTML 74Page - Microsemi Corporation AX250 Datasheet HTML 75Page - Microsemi Corporation AX250 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 262 page
background image
Detailed Specifications
2- 58
R e v i sio n 1 8
R-Cell
Introduction
The R-cell, the sequential logic resource of the Axcelerator devices, is the second logic module type in
the AX family architecture. It includes clock inputs for all eight global resources of the Axcelerator
architecture as well as global presets and clears (Figure 2-31).
The main features of the R-cell include the following:
•
Direct connection to the adjacent logic module through the hardwired connection DCIN. DCIN is
driven by the DCOUT of an adjacent C-cell via the Direct-Connect routing resource, providing a
connection with less than 0.1 ns of routing delay.
•
The R-cell can be used as a standalone flip-flop. It can be driven by any C-cell or I/O modules
through the regular routing structure (using DIN as a routable data input). This gives the option of
using the R-Cell as a 2:1 MUXed flip-flop as well.
•
Provision of data enable-input (S0).
•
Independent active-low asynchronous clear (CLR).
•
Independent active-low asynchronous preset (PSET). If both CLR and PSET are low, CLR has
higher priority.
•
Clock can be driven by any of the following (CKP selects clock polarity):
– One of the four high performance hardwired fast clocks (HCLKs)
– One of the four routed clocks (CLKs)
– User signals
•
Global power-on clear (GCLR) and preset (GPSET), which drive each flip-flop on a chip-wide
basis.
– When the Global Set Fuse option in the Designer software is unchecked (by default),
GCLR = 0 and GPSET = 1 at device power-up. When the option is checked, GCLR = 1 and
GPSET = 0. Both pins are pulled High when the device is in user mode. Refer to the
"Simulation Support for GCLR/GPSET in Axcelerator" section of the Antifuse Macro Library
Guide
for information on simulation support for GCLR and GPSET.
•
S0, S1, PSET, and CLR can be driven by routed clocks CLKE/F/G/H or user signals.
•
DIN and S1 can be driven by user signals.
As with the C-cell, the configuration of the R-cell to perform various functions is handled automatically for
the user through Microsemi's extensive macro library (see the Antifuse Macro Library Guide for a
complete listing of available AX macros).
Figure 2-31 • R-Cell
DCIN
DIN(user signals)
HCLKA/B/C/D
CLKE/F/G/H
Internal Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com