Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 72Page - Microsemi Corporation AX250 Datasheet HTML 73Page - Microsemi Corporation AX250 Datasheet HTML 74Page - Microsemi Corporation AX250 Datasheet HTML 75Page - Microsemi Corporation AX250 Datasheet HTML 76Page - Microsemi Corporation AX250 Datasheet HTML 77Page - Microsemi Corporation AX250 Datasheet HTML 78Page - Microsemi Corporation AX250 Datasheet HTML 79Page - Microsemi Corporation AX250 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 262 page
background image
Detailed Specifications
2- 62
R e v i sio n 1 8
Vertical and Horizontal Routing
Vertical and Horizontal Tracks provide both local and long distance routing (Figure 2-37 on page 2-62).
These tracks are composed of both short-distance, segmented routing and across-chip routing tracks
(segmented at core tile boundaries). The short-distance, segmented routing resources can be
concatenated through antifuse connections to build longer routing tracks.
These short-distance routing tracks can be used within and between SuperClusters or between modules
of non-adjacent SuperClusters. They can be connected to the Output Tracks and to any logic module
input (R-cell, C-cell, Buffer, and TX module).
The across-chip horizontal and vertical routing provides long-distance routing resources. These
resources interface with the rest of the routing structures through the RX and TX modules (Figure 2-37).
The RX module is used to drive signals from the across-chip horizontal and vertical routing to the Output
Tracks within the SuperCluster. The TX module is used to drive vertical and horizontal across-chip
routing from either short-distance horizontal tracks or from Output Tracks. The TX module can also be
used to drive signals from vertical across-chip tracks to horizontal across-chip tracks and vice versa.
Figure 2-36 • FastConnect Routing
Figure 2-37 • Horizontal and Vertical Tracks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com