Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 60Page - Microsemi Corporation AX250 Datasheet HTML 61Page - Microsemi Corporation AX250 Datasheet HTML 62Page - Microsemi Corporation AX250 Datasheet HTML 63Page - Microsemi Corporation AX250 Datasheet HTML 64Page - Microsemi Corporation AX250 Datasheet HTML 65Page - Microsemi Corporation AX250 Datasheet HTML 66Page - Microsemi Corporation AX250 Datasheet HTML 67Page - Microsemi Corporation AX250 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 262 page
background image
Detailed Specifications
2- 50
R e v i sio n 1 8
Differential Standards
Physical Implementation
Implementing differential I/O standards requires the configuration of a pair of external I/O pads, resulting
in a single internal signal. To facilitate construction of the differential pair, a single I/O Cluster contains the
resources for a pair of I/Os. Configuration of the I/O Cluster as a differential pair is handled by Designer
software when the user instantiates a differential I/O macro in the design.
Differential I/Os can also be used in conjunction with the embedded Input Register (InReg), Output
Register (OutReg), Enable Register (EnReg), and Double Data Rate (DDR). However, there is no
support for bidirectional I/Os or tristates with these standards.
LVDS
Low-Voltage Differential Signal (ANSI/TIA/EIA-644) is a high-speed, differential I/O standard. It requires
that one data bit is carried through two signal lines, so two pins are needed. It also requires an external
resistor termination. The voltage swing between these two signal lines is approximately 350 mV.
The LVDS circuit consists of a differential driver connected to a terminated receiver through a constant-
impedance transmission line. The receiver is a wide-common-mode-range differential amplifier. The
common-mode range is from 0.2 V to 2.2 V for a differential input with 400 mV swing.
To implement the driver for the LVDS circuit, drivers from two adjacent I/O cells are used to generate the
differential signals (note that the driver is not a current-mode driver). This driver provides a nominal
constant current of 3.5 mA. When this current flows through a 100
Ω termination resistor on the receiver
side, a voltage swing of 350 mV is developed across the resistor. The direction of the current flow is
controlled by the data fed to the driver.
An external-resistor network (three resistors) is needed to reduce the voltage swing to about 350 mV.
Therefore, four external resistors are required, three for the driver and one for the receiver.
Figure 2-25 • LVDS Board-Level Implementation
140
Ω
100
Ω
ZO = 50
Ω
ZO = 50
Ω
165
Ω
165
Ω
+
–
P
N
P
N
INBUF_LVDS
OUTBUF_LVDS
FPGA
FPGA
Table 2-56 • DC Input and Output Levels
DC Parameter
Description
Min.
Typ.
Max.
Units
VCCI1
Supply Voltage
2.375
2.5
2.625
V
VOH
Output High Voltage
1.25
1.425
1.6
V
VOL
Output Low Voltage
0.9
1.075
1.25
V
VODIFF
Differential Output Voltage
250
350
450
mV
VOCM
Output Common Mode Voltage
1.125
1.25
1.375
V
VICM2
Input Common Mode Voltage
0.2
1.25
2.2
V
Notes:
1. ±5%
2. Differential input voltage = ±350 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com