Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 69Page - Microsemi Corporation AX250 Datasheet HTML 70Page - Microsemi Corporation AX250 Datasheet HTML 71Page - Microsemi Corporation AX250 Datasheet HTML 72Page - Microsemi Corporation AX250 Datasheet HTML 73Page - Microsemi Corporation AX250 Datasheet HTML 74Page - Microsemi Corporation AX250 Datasheet HTML 75Page - Microsemi Corporation AX250 Datasheet HTML 76Page - Microsemi Corporation AX250 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 59
Timing Models and Waveforms
Timing Characteristics
Figure 2-32 • R-Cell Delays
E
D
Q
CLR
PRESET
CLK
tSUE tHE
tSUD
tHD
tRCO
tWASYN
tHASYN
tCLR
tREASYN
tCPWHL tCPWLH
tPRESET
tWASYN
tHASYN
tREASYN
Table 2-63 • R-Cell
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Units
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
R-Cell Propagation Delays
tRCO
Sequential Clock-to-Q
0.67
0.77
0.90
ns
tCLR
Asynchronous Clear-to-Q
0.67
0.77
0.90
ns
tPRESET
Asynchronous Preset-to-Q
0.36
0.36
0.36
ns
tSUD
Flip-Flop Data Input Set-Up
0.34
0.34
0.34
ns
tSUE
Flip-Flop Enable Input Set-Up
0.00
0.00
0.00
ns
tHD
Flip-Flop Data Input Hold
0.67
0.77
0.90
ns
tHE
Flip-Flop Enable Input Hold
0.67
0.77
0.90
ns
tWASYN
Asynchronous Pulse Width
0.48
0.48
0.48
ns
tREASYN
Asynchronous Recovery Time
0.23
0.27
0.31
ns
tHASYN
Asynchronous Removal Time
0.36
0.36
0.36
ns
tCPWHL
Clock Pulse Width High to Low
0.36
0.36
0.36
ns
tCPWLH
Clock Pulse Width Low to High
0.36
0.36
0.36
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com