Electronic Components Datasheet Search
  English  ▼

X  

AX250 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 12Page - Microsemi Corporation AX250 Datasheet HTML 13Page - Microsemi Corporation AX250 Datasheet HTML 14Page - Microsemi Corporation AX250 Datasheet HTML 15Page - Microsemi Corporation AX250 Datasheet HTML 16Page - Microsemi Corporation AX250 Datasheet HTML 17Page - Microsemi Corporation AX250 Datasheet HTML 18Page - Microsemi Corporation AX250 Datasheet HTML 19Page - Microsemi Corporation AX250 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 262 page
background image
Detailed Specifications
2- 2
R ev isio n 1 8
Calculating Power Dissipation
Table 2-3 • Standby Current
Device
Temperature
ICCA
ICCDA
ICCBANK
ICCPLL
ICCCP1
IIH, IIL,
IOZ2
Units
Standby
Current
(Core)
Standby
Current,
Differential
I/O
Standby Current
per
I/O Bank
Standby
Current
per PLL
Standby Current,
Charge Pump
2.5 V
VCCI
3.3 V
VCCI
Active
Bypassed
Mode
AX125
Typical at 25°C
1.5
1.5
0.2
0.3
0.2
0.3
0.01
±0.01
mA
70°C
15
6
0.5
0.75
1
0.4
0.01
±0.01
mA
85°C
25
6
0.6
0.8
1
0.4
0.2
±0.01
mA
125°C
50
8
1
1.5
2
0.4
0.5
±0.01
mA
AX250
Typical at 25°C
1.5
1.4
0.25
0.4
0.2
0.3
0.01
±0.01
mA
70°C
30
7
0.8
0.9
1
0.4
0.01
±0.01
mA
85°C
40
7
0.8
1
1
0.4
0.2
±0.01
mA
125°C
70
9
1.3
1.8
2
0.4
0.5
±0.01
mA
AX500
Typical at 25°C
5
1.4
0.4
0.75
0.2
0.3
0.01
±0.01
mA
70°C
60
7
1
1.5
1
0.4
0.01
±0.01
mA
85°C
80
7
1
1.9
1
0.4
0.2
±0.01
mA
125°C
180
9
1.75
2.5
1.5
0.4
0.5
±0.01
mA
AX1000
Typical at 25°C
7.5
1.5
0.5
1.25
0.2
0.3
0.01
±0.01
mA
70°C
80
8
1.5
3
1
0.4
0.01
±0.01
mA
85°C
120
8
1.5
3.4
1
0.4
0.2
±0.01
mA
125°C
200
10
3
4
1.5
0.4
0.5
±0.01
mA
AX2000
Typical at 25°C
20
1.6
0.7
1.5
0.2
0.3
0.01
±0.01
mA
70°C
160
10
2
7
1
0.4
0.01
±0.01
mA
85°C
200
10
3
8
1
0.4
0.2
±0.01
mA
125°C
500
15
4
10
1.5
0.4
0.5
±0.01
mA
Notes:
1. ICCCP Active is the ICCDA or the Internal Charge Pump current. ICCCP Bypassed mode is the External Charge Pump
current IIH (VPUMP pin).
2. IIH, IIL, or IOZ values are measured with inputs at the same level a
s VCCI for IIH and GND for IIL and IOZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com