Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 22 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 22 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 18Page - ITT Industries TST24AS01T Datasheet HTML 19Page - ITT Industries TST24AS01T Datasheet HTML 20Page - ITT Industries TST24AS01T Datasheet HTML 21Page - ITT Industries TST24AS01T Datasheet HTML 22Page - ITT Industries TST24AS01T Datasheet HTML 23Page - ITT Industries TST24AS01T Datasheet HTML 24Page - ITT Industries TST24AS01T Datasheet HTML 25Page - ITT Industries TST24AS01T Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
22
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Multiway Rack & Panel Connectors
The Multiway Range has six contact cavity
arrangements available and offers an
extremely reliable, robust and versatile
connector system, in which any of the
Trident signal or coaxial contacts can be
used. All Multi Rack & Panel connectors
are RoHS Compliant.
Applications:
• Inflight entertainment systems.
• Railway applications.
• Test measurement equipment.
Product Features
• Fully tested to MIL-STD-202 and now IEC 512.
• Wide range of accessories, jacking and mounting hardware.
• Polarizing between connectors available, by contact position, use of
shrouds or additional guide pin and socket sets.
• Recognized under the component program of CSA.
• Complete range of contact options available, see page 64.
Performance Specifications
Materials and Finishes
Insulator
Glass-Filled Phenolic
Intermating Hardware
Brass and Stainless Steel
Jackscrew Knobs
Thermoplastic
Cable Clamps
Stainless Steel
Pin Protection Shrouds, 14-34-way
Anodized Aluminum
Pin Protection Shrouds, 50 & 75-way Stainless Steel
Formed Hoods
Anodized Aluminum
Plastic Hoods
Unfilled Thermoplastic - PPO
Die Cast Hoods
Grey Painted Zinc Alloy
Test Data
Test Description
IEC Test
Military Standard
Test Method
Test Voltage
512-2 Test 4a
MIL-STD-202
301
Insulation Resistance
512-2 Test 3a
MIL-STD-202
302
Vibration
512-4 Test 6d
MIL-STD-202
204, Condition A
Shock
512-4 Test 6c
MIL-STD-202
213
Humidity
512-6 Test 11c
MIL-STD-202
103, Condition C
Corrosion (Salt Spray)
512-6 Test 11f
MIL-STD-202
101, Condition B
Dry Heat
512-6 Test 11i
MIL-STD-202
108A, Condition D
-
Temperature Range -55°C to +125°C (-67°F to +257°F) Plastic Hood
assemblies limited to 105°C to (221°F)
Test Voltage 200 V ac rms for 60 seconds
Insulation Resistance 5000MW min. at 500 V dc
Durability¹ Up to 500 Mating Cycles
Flammability UL 94 V-0 (Insulators), UL 94 V-1 (Plastic Hoods)
Rated Current Dependent on choice of contact and application
(usually limited by cable bundle factor)
1 Depends on plating and type of contacts used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com