| Electronic Components Datasheet Search |
|
TST24AS01T Datasheet(PDF) 76 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TST24AS01T Datasheet(HTML) 76 Page - ITT Industries |
|
76 / 96 page ![]() 76 www.ittcannon.com Dimensions shown in mm (inch) Specifications and dimensions subject to change Crimping Instructions — Formed (Stamped) Crimp Contacts Assembly Instructions: 1. Strip wires to length. For wire strip lengths, see page 67. 2. Open the hand tool and place the contact in the chosen die, ensuring that the locating plate is positioned between the collar and crimp saddle. Then squeeze tool gently to hold the contact in place. 3. Insert the wire. 4. Cycle the tool. 5. Remove the wire and inspect the crimp. The strands should be visible at both ends of the crimp. There should be no loose strands (see Figures 1-3). The contact should be co-linear with the wire (see Figure 4). Bent contacts are unacceptable (see Figure 5). Crimping Instructions — Machined Crimp Contacts Assembly Instructions: 1. Strip wires to length. For wire strip lengths, see page 69. 2. Attach the correct locator (turret) to the hand tool. Contact Type Locator Color Pin Blue Socket Green Earthing Black 3. Adjust the dial for the wire gauge. 4. Place the contact into the locator and insert the wire into the contact as indicat- ed on the locator (turret) label. Figure 6 - Correct Notes: Wire Insulation. Wire Strands. Contact. Inspection Window. Strands must be visible. Figure 7 - Unacceptable 5. Cycle the tool. 6. Remove and inspect the contact. Strands should be visible through the inspection window (see Figure 6). There should be no loose strands (see Figure 7). Figure 4 - Correct Figure 1 - Correct Figure 5 - Unacceptable Side View Side View Front View Front View Figure 2 - Unacceptable Figure 3 - Unacceptable 1 2 3 4 Assembly Instructions Cannon Trident Connectors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |