Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 66 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 66 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 62Page - ITT Industries TST24AS01T Datasheet HTML 63Page - ITT Industries TST24AS01T Datasheet HTML 64Page - ITT Industries TST24AS01T Datasheet HTML 65Page - ITT Industries TST24AS01T Datasheet HTML 66Page - ITT Industries TST24AS01T Datasheet HTML 67Page - ITT Industries TST24AS01T Datasheet HTML 68Page - ITT Industries TST24AS01T Datasheet HTML 69Page - ITT Industries TST24AS01T Datasheet HTML 70Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
66
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
T2P Contacts
Cannon Trident Connectors
Typical Nomenclature:
T2P
16
M
C
1
LT
Series
T2P = Two Part Stamped Contact
Contact Size
14 = 14-16 AWG
16 = 16-20 AWG
20 = 20-22 AWG
24 = 24-26 AWG
Gender
M = Male (Pin)
F = Female (Socket)
Plating
T
= Tin
Y= Gold
Z= Gold Flash
Packaging
L
= Loose (bag of 100)
S
= Reel of 3000
Overview - T2P Contacts
Contact Type
Crimp Contact
C
1
Standard, Brass
C
4
High Conductivity
Note: This overview shows available options for formed (stamped) T2P contacts. The T2P nomenclature above
appears as our description on ITT paperwork, etc, and this is for reference only. To order use the order codes on
the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com