Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 69 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 69 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 65Page - ITT Industries TST24AS01T Datasheet HTML 66Page - ITT Industries TST24AS01T Datasheet HTML 67Page - ITT Industries TST24AS01T Datasheet HTML 68Page - ITT Industries TST24AS01T Datasheet HTML 69Page - ITT Industries TST24AS01T Datasheet HTML 70Page - ITT Industries TST24AS01T Datasheet HTML 71Page - ITT Industries TST24AS01T Datasheet HTML 72Page - ITT Industries TST24AS01T Datasheet HTML 73Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
69
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
T3P Contacts
Cannon Trident Connectors
Machined
Crimp Contacts
• 13 A current rating.
• Separate contact and retention spring.
• Up to 500 mating cycles.
• Variety of plating options.
• Full support tooling available,
see pages 74-75.
Pin
Socket
Pin
Socket
Size 16 AWG,
No Insulation Grip
Size 20 to 26 AWG,
Insulation Grip
Size 16 AWG,
No Insulation Grip
Size 20 AWG,
Insulation Grip
Wire Range
Wire
Part Number (Pack of 100)
Insulation
mm2
Size
Contact Gold Plating(X) Gold Plating(Y) Tin Plating
Diameter
Strip Length
Color Band
0,08 - 0,23
26 AWG
Pin
192991-0101 192991-0100 192991-0102
0,90 (.035) - 1,40 (.055)
5,08 (.200)±0,25 (.009)
Black
0,08 - 0,23
26 AWG
Socket
192991-0054 192991-0042 192991-0048
0,90 (.035) - 1,40 (.055)
5,08 (.200)±0,25 (.009)
Black
0,20 - 0,24
24 AWG
Pin
192991-0093 192991-0092 192991-0094
1,05 (.041) - 1,60 (.062)
5,08 (.200)±0,25 (.009)
Blue
0,20 - 0,24
24 AWG
Socket
192991-0055 192991-0043 192991-0049
1,05 (.041) - 1,60 (.062)
5,08 (.200)±0,25 (.009)
Blue
0,25 - 0,50
22 AWG
Pin
192991-0097 192991-0096 192991-0098
1,60 (.062) - 2,15 (.084)
5,08 (.200)±0,25 (.009)
Red
0,25 - 0,50
22 AWG
Socket
192991-0056 192991-0044 192991-0050
1,60 (.062) - 2,15 (.084)
5,08 (.200)±0,25 (.009)
Red
0,44 - 0,64
20 AWG
Pin
192991-0089 192991-0088 192991-0090
1,60 (.062) - 2,10 (.082)
5,08 (.200)±0,25 (.009)
Green
0,44 - 0,64
20 AWG
Socket
192991-0058 192991-0046 192991-0052
1,60 (.062) - 2,10 (.082)
5,08 (.200)±0,25 (.009)
Green
0,60 - 1,51
16 AWG
Pin
192991-0085 192991-0084 192991-0086
Without insulation support
7,11 (.279)±0,25 (.009)
Black
0,60 - 1,51
16 AWG
Socket
192991-0059
192991-0047 192991-0053
Without insulation support
7,11 (.279)±0,25 (.009)
Black
(Y) Gold plating Pin: 0,4 µ m (16 µ in.). Gold plating Socket: 0,75 µ m (30 µ in.).
(X) Gold plating Pin & Socket: 3 µ m (120 µ in.).
Machined
Earth (First Mate/Last
Break) Contacts
• 13 A current rating.
• Separate contact and retention spring.
• Up to 500 mating cycles.
• Variety of plating options.
• Full support tooling available,
see pages 74-75.
Wire Range
Wire
Insulation
Color
mm2
Size
Contact Gold Plating(Y) Description
Diameter
Strip Length
Band
0,44 - 0,64
20 AWG
Pin
192991-0164
T3P20ME1LY
1,60 (.062) - 2,10 (.082)
5,08 (.200)±0,25 (.009)
Green
0,44 - 0,64
20 AWG
Socket
192991-0207
T3P20FE1LY
1,60 (.062) - 2,10 (.082)
5,08 (.200)±0,25 (.009)
Green
0,60 - 1,51
16 AWG
Pin
192991-0160
T3P16ME1LY
Without insulation support
7,11 (.279)±0,25 (.009)
Black
0,60 - 1,51
16 AWG
Socket
192991-0208
T3P16FE1LY
Without insulation support
7,11 (.279)±0,25 (.009)
Black
(Y) Gold plating Pin: 0,4 µ m (16 µ in.). Gold plating Socket: 0,75 µ m (30 µ in.).
For Gold Flash Plating, please consult the factory.
Part Number (Pack of 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com