Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 82 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 82 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 78Page - ITT Industries TST24AS01T Datasheet HTML 79Page - ITT Industries TST24AS01T Datasheet HTML 80Page - ITT Industries TST24AS01T Datasheet HTML 81Page - ITT Industries TST24AS01T Datasheet HTML 82Page - ITT Industries TST24AS01T Datasheet HTML 83Page - ITT Industries TST24AS01T Datasheet HTML 84Page - ITT Industries TST24AS01T Datasheet HTML 85Page - ITT Industries TST24AS01T Datasheet HTML 86Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
82
82
awww.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Shielded Endbell for
Larger Cable Sizes
This Endbell is an alternative to the
Universal Endbell for use with larger
diameter cables. The outer body is sealed
to the connector with an O-ring and the
rear cable clamp also incorporates sealing
rings for a complete sealed termination.
The cable braid is terminated between
metal cones. A rear cable clamp provides
mechanical strain relief in addition to the
clamping and holding of the rear cable
seal.
Assembly Instructions:
1. Assemble all parts onto the cable as
shown (Figure 1). Strip sheath of cable to
dimensions shown in table below.
Dimension
Shell Size
A min.
10
22,30 (.877)
12
22,30 (.877)
14
26,20 (1.031)
16
28,10 (1.106)
2. Fold braid back over cable. Strip and
terminate wires with selected contacts
(Figure 2).
3. Assemble O-ring in groove of the shell
after positioning coupling nut (Figure 3).
Cable Sizes
Endbell
Cable Outer Sheath Diameter
Shell Size
Part Number
Maximum
Minimum
10
192993-0091
10,00 (.393)
5,00 (.196)
12
192993-0092
12,00 (.472)
6,00 (.236)
14
192993-0093
14,00 (.551)
7,00 (.279)
16
192993-0094
16,00 (.629)
8,00 (.314)
Wire Stripping Lengths
Contact Type
Wire Size
Wire Range mm2
Dimension B
Formed
24-16 AWG
0,08 - 1,50
3,95 ± 0,25 (.155 ± .009)
contact
14 AWG
1,50 - 2,50
5,60 ± 0,25 (.220 ± .009)
Machined
26-20 AWG
0,08 - 0,64
5,08 ± 0,25 (.200 ± .009)
contact
16 AWG
0,60 - 1,51
7,11 ± 0,25 (.279 ± .009)
Figure 3
Figure 1
Figure 2
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com