Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 27 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 27 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 23Page - ITT Industries TST24AS01T Datasheet HTML 24Page - ITT Industries TST24AS01T Datasheet HTML 25Page - ITT Industries TST24AS01T Datasheet HTML 26Page - ITT Industries TST24AS01T Datasheet HTML 27Page - ITT Industries TST24AS01T Datasheet HTML 28Page - ITT Industries TST24AS01T Datasheet HTML 29Page - ITT Industries TST24AS01T Datasheet HTML 30Page - ITT Industries TST24AS01T Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
27
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Ringlock Circular Connectors
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
1550 V ac for 60 seconds
No breakdown
2500 V ac for 60 seconds (Size 1807 only)
No breakdown
Thermal Shock
-55°C to +125°C (-67°F to +257°F), 5 cycles
No physical damage.
Physical Shock
50 g’s peak, 3 axes,
No physical damage.
11 millisecond duration half-sine pulse
No loss of continuity >1 sec
Vibration
10 g’s peak,10-500 Hz, 9 hours
No physical damage.
No loss of continuity >1 sec
Durability 500 cycles of mating and unmating,
No mechanical or
500 mating cycles max
Electrical defects
Salt Spray
48 hours
Shall be capable of mating and unmating
and meet contact resistance requirements
High Temperature Endurance
1000 hours at 125°C (+257°F)
Insulation Resistance > 100 M
Ω
Humidy Steady State
RH 90-95%, 40°C(+104°F), 504 hours
Insulation Resistance > 100 M
Ω
Moisture Resistance
10 Cycles
Insulation Resistance > 100 M
Ω
The table below summarizes the results of key tests. Data is applicable to standard connectors with standard contacts.
Variations may affect this data, so please consult factory for further information on your requirements.
Test Specifications
How to Order-Connectors
Typical Nomenclature: TR
16
19
PM
S
1
N
B
Series
TR = Trident Ringlock
Shell
Number of
Size
Contacts
10
04
12
08
14
12
16
19
18
07
18
23
20
28
22
35
24
48
Color
B
= Black
Material
N
= Nylon
Series Identification
1
= Standard
S
= Standard
H= Interface Sealing*
P= Plastic Coupling Nut**
M
= Accepts Male Contacts
F= Accepts Female Contacts
P= Plug
R= Receptacle
* Receptacle only
** Shell size 16 and 24 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com