Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 79 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 79 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 75Page - ITT Industries TST24AS01T Datasheet HTML 76Page - ITT Industries TST24AS01T Datasheet HTML 77Page - ITT Industries TST24AS01T Datasheet HTML 78Page - ITT Industries TST24AS01T Datasheet HTML 79Page - ITT Industries TST24AS01T Datasheet HTML 80Page - ITT Industries TST24AS01T Datasheet HTML 81Page - ITT Industries TST24AS01T Datasheet HTML 82Page - ITT Industries TST24AS01T Datasheet HTML 83Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
79
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Contact Extraction
Contacts may be removed with an extrac-
tion tool. The tool has an outer tube and
an internal spring loaded plunger. The
outer tube depresses the retention tines
on the contact. The plunger then pushes
the contact back out of the connector.
Extraction Instructions:
1. Grasp the extraction tool on the
knurled portion of the outer tube. Do
not push on the plunger knob yet.
2. Insert the tube into the contact cavity
from the mating surface. Push the tube
fully into the cavity.
IMPORTANT: Verify that the depth
indicating line on the tool is even with
the mating face of the connector before
depressing the plunger.
3. Depress the plunger. This should
only require light pressure to eject the
contact. The contact can now be
removed from the back of the connector.
4. Inspect the contact. Verify the tines
are not damaged.
Contact Extraction
Extraction Tool
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com