Electronic Components Datasheet Search
  English  ▼

X  

TST24AS01T Datasheet(PDF) 47 Page - ITT Industries

Part # TST24AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS01T Datasheet(HTML) 47 Page - ITT Industries

Back Button TST24AS01T Datasheet HTML 43Page - ITT Industries TST24AS01T Datasheet HTML 44Page - ITT Industries TST24AS01T Datasheet HTML 45Page - ITT Industries TST24AS01T Datasheet HTML 46Page - ITT Industries TST24AS01T Datasheet HTML 47Page - ITT Industries TST24AS01T Datasheet HTML 48Page - ITT Industries TST24AS01T Datasheet HTML 49Page - ITT Industries TST24AS01T Datasheet HTML 50Page - ITT Industries TST24AS01T Datasheet HTML 51Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
47
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Neptune Circular Accessories
Typical Nomenclature:
TNA 24 CA01 -
20
L
Series
TNA = Trident Neptune Accessory
Shell Size
14
16
24
** Blanking Plug
Packaging
B
= Bulk
L= Single Pack
Accessory Style, Type, and Size
Conduit Adapter
CA
01-xx
Type 1, xx=diameter of conduit*
CA
02-xx
Type 2, xx=diameter of conduit*
CA
03-xx
Type 3, xx=diameter of conduit*
Cable Clamp
CC
HC-00
Sealed
CC
SR-00
Unsealed
Panel Gasket
PG
01-00
Flange Type
PG
03-00
Jam Nut Type
Dust Cap
DC
P0-00
Sealed Dust Cap, Plug
DC
R0-01
Sealed Dust Cap, Receptacle (Top Hat)***
Spare Jam Nut
JN
00-00
Blanking Plug
BP
SG-00
For Signal Holes
How to Order-Accessories
*Conduit Adapter Sizes
Shell Size
Type
Diameter (mm)
14
01
12
16
01
20
16
02
18
24
01
20
24
01
25
24
02
25
24
02
26
24
03
34
*** Can be sealed up to IP 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com