Electronic Components Datasheet Search
  English  ▼

X  

AM79C983A Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 31Page - Advanced Micro Devices AM79C983A Datasheet HTML 32Page - Advanced Micro Devices AM79C983A Datasheet HTML 33Page - Advanced Micro Devices AM79C983A Datasheet HTML 34Page - Advanced Micro Devices AM79C983A Datasheet HTML 35Page - Advanced Micro Devices AM79C983A Datasheet HTML 36Page - Advanced Micro Devices AM79C983A Datasheet HTML 37Page - Advanced Micro Devices AM79C983A Datasheet HTML 38Page - Advanced Micro Devices AM79C983A Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Am79C983A
35
PRELIMINARY
Pn/AUI/RAUI/EP
0
Runts with Valid FCS Interrupt
masked (disabled)
1
Runts
with
Valid
FCS
Interrupt enabled
Link Status Change Interrupt Enable
Address:
1110 0010
Setting any of the bits in this register causes the INT pin
to be driven when there is a change in the Link Test
state of the corresponding port. The corresponding sta-
tus bit in the Link Test State Change Register is set to 1.
TPn/SPn
0
Link Status Change Interrupt
masked (disabled)
1
Link Status Change Interrupt
enabled
Loopback Error Change Interrupt Enable
Address:
1110 0011
Setting a bit in this register causes an interrupt to be
generated when the IMR2 device senses a change in the
Loop Back Error condition on the corresponding port.
Pn/AUI/RAUI
0
Loopback Error Change Interrupt
masked (disabled)
1 Loopback
Error
Change
Interrupt enabled
Polarity Change Interrupt Enable
Address:
1110 0100
Setting a bit in this register causes an interrupt to be gener-
ated when the polarity of the connected port is changed.
TPn/SPn
0
Polarity
Change
Interrupt
masked (disabled)
1
Polarity
Change
Interrupt
enabled
SQE Test Error Change Interrupt Enable
Address:
1110 0101
Setting a bit in this register causes an interrupt to be
generated when the IMR2 device senses a change in
the SQE Test Error condition at a port. This occurs
when an attached MAU has SQE Test enabled. A new
interrupt is generated when a condition change is
sensed by the IMR2 device.
Pn/AUI/RAUI
0
SQE
Test
Error
Change
Interrupt masked (disabled)
1
SQE
Test
Error
Change
Interrupt enabled
Source Address Changed Interrupt Enable
Address:
1110 0110
This register enables interrupts caused by a mismatch
between the source address of an incoming packet and
either the Last Source Address Register or the Preferred
Source Address Register. If Last Source Address Lock
is not set and the packet is a valid packet, a mismatch
between the source address and the Last Source
Address Register also causes the new source address
to be written into the Last Source Address Register.
Pn/AUI/RAUI/EP
0
Source
Address
Changed
Interrupt masked (disabled)
1
Source
Address
Changed
Interrupt enabled
Intruder Interrupt Enable
Address:
1110 0111
This register enables interrupts to be generated when the
source address of an incoming packet does not match the
Preferred Source Address Register on the corresponding
port. The corresponding interrupt can be interpreted as
an attempt by an intruder to gain access to the network.
The management system can then take appropriate ac-
tion, such as disabling the corresponding port.
Pn/AUI/RAUI
0
Intruder Interrupt masked (disabled)
1
Intruder Interrupt enabled
TP7 TP6 TP5 TP4 TP3 TP2 TP1 TP0
SP3 SP2 SP1 SP0 TP11 TP10 TP9 TP8
Byte 0
Byte 1
D Port Read/Write
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
LSB
MSB
TP7 TP6 TP5 TP4 TP3 TP2 TP1 TP0
SP3 SP2 SP1 SP0 TP11 TP10 TP9 TP8
Byte 0
Byte 1
D Port Read
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
EP
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
EP
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com