Electronic Components Datasheet Search
  English  ▼

X  

AM79C983A Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 37Page - Advanced Micro Devices AM79C983A Datasheet HTML 38Page - Advanced Micro Devices AM79C983A Datasheet HTML 39Page - Advanced Micro Devices AM79C983A Datasheet HTML 40Page - Advanced Micro Devices AM79C983A Datasheet HTML 41Page - Advanced Micro Devices AM79C983A Datasheet HTML 42Page - Advanced Micro Devices AM79C983A Datasheet HTML 43Page - Advanced Micro Devices AM79C983A Datasheet HTML 44Page - Advanced Micro Devices AM79C983A Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Am79C983A
41
PRELIMINARY
the register jumps to the next level automatically.The data
format is as follows:
E
Packet
0 - Empty
1 - Valid
N3-0
Port Number
VL
Very Long Event
DRE
Data Rate Error
RNT
Runt Packet
S
Short Event
L
Long Event
A
Alignment Error
FCS
FCS Error
Bytes 2-7
Source Address. It is read low
order byte to high order byte.
Note: The FIFO is emptied by reading. If the FIFO is
full, nothing more is recorded in Sample Error Status. If
the FIFO is empty (bit E = 0), there is nothing in the re-
maining 7 bytes; therefore, the next access will be the
first byte of the 8-byte register.
Report Packet Size
Address:
1110 0011
Report Packet Size is a two-byte register. The eleven
least significant bits are used. It sets the length of the
original packet (in octets) that is transmitted over the
Packet Report Port. The LS Byte is accessed first. The
limits are 14 bytes (binary 000000001110) and 1535
bytes (binary 10111111111). If the register is set at
less than 14, 14 bytes of the original packet are trans-
mitted over the Packet Reports Port. If the register is
set at greater than 1535 bytes, all of the original packet
is sent over the Packet Report Port.
STATS Control
Address:
1110 0100
STATS Control is a 1-byte register. It sets the operation
of the Packet Report Port and the RAUI port.
T
0 Packet tagging is disabled
1 Packet tagging is enabled
F
0 Appending of a new FCS during port tag-
ging is disabled
1 Appending of a new FCS during port tag-
ging is enabled
Register Banks 16 through 30: Port Attribute
Registers
Port Attribute registers are accessed by writing the ap-
propriate port number into the C register, followed by
the attribute number. The table below shows the corre-
sponding register bank for each port.
Except for the Last Source Address Register and the
Preferred Source Register, all registers are four bytes
long and read only unless special conditions are met.
The Last Source Address Register and the Preferred
Source Address Register are six bytes long and their
contents can be written and read.
Once the C Register is programmed with a valid port
and attribute number, the corresponding attribute is
transferred to a holding register upon reading the first
byte. Subsequent accesses to the D register access
the value in a least significant to most significant byte
order. During a read, once the last byte is read, the at-
tribute value is re-transferred to the holding register
and the sequence can be restarted.
When writing the Last Source Address Register and the
Preferred Source Register, if the sequence is aborted
prior to the 6th consecutive write cycle, the register value
is not altered. The sequence (read or write) may be
aborted and restarted by programming the C register.
E
0
0
0
N3
N2
N1
N0
0
VL
DRE
RNT S
L
A
FCS
bit 23
bit 16
bit 56
D Port Read/Write
Byte 0
Byte 1
MSB
LSB
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7 bit 63
bit 0
bit 15
bit 8
D Port Read/Write
LSB
Byte 0
Byte 1
bit 7
MSB
0
T
F
0
0
0
0
0
D Port Read/Write
MSB
LSB
Register Bank Access
Port
0001 0000
0
0001 0001
1
0001 0010
2
0001 0011
3
0001 0100
4
0001 0101
5
0001 0110
6
0001 0111
7
0001 1000
8
0001 1001
9
0001 1010
10
0001 1011
11
0001 1100
AUI
0001 1101
RAUI
0001 1110
Expansion Bus
(activity recorded
when MACEN
is TRUE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com