Electronic Components Datasheet Search
  English  ▼

X  

AM79C983A Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 14Page - Advanced Micro Devices AM79C983A Datasheet HTML 15Page - Advanced Micro Devices AM79C983A Datasheet HTML 16Page - Advanced Micro Devices AM79C983A Datasheet HTML 17Page - Advanced Micro Devices AM79C983A Datasheet HTML 18Page - Advanced Micro Devices AM79C983A Datasheet HTML 19Page - Advanced Micro Devices AM79C983A Datasheet HTML 20Page - Advanced Micro Devices AM79C983A Datasheet HTML 21Page - Advanced Micro Devices AM79C983A Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
Am79C983A
PRELIMINARY
a. Standard reconnection algorithm—A data packet
longer than 512-bit times (nominal) is transmitted or re-
ceived by the partitioned port without a collision.
b. Alternate reconnection algorithm—A data packet
longer than 512-bit times (nominal) is transmitted by
the partitioned port without a collision.
Basic Management Functions
Repeater Management
The IMR2 management functions are a super-set of
the those provided by the AMD’s IMR+/HIMIB device
chipset. The IMR2 device contains the complete set of
repeater and port functions as defined in ANSI/IEEE
802.3,
Repeater Management Standard, (Section 19).
All mandatory and optional capabilities are supported.
These include the Basic Control, Performance Monitor-
ing, and Address Tracking packages. Additionally,
Node Address Mapping, MAU Management specific
functions, and intrusion protection functions are in-
cluded. Support is also provided for the RMON MIB
RFC 1757.
All information is stored in registers which can be ac-
cessed through the Microprocessor Interface (Node
Processor Port). The register location is defined by a
register bank and an address within that register bank.
Address and data of the registers are multiplexed using
the C/D pin. The register address is selected by writing
to the Node Processor Port with C/D HIGH. The regis-
ter data is selected by writing or reading to the Node
Processor Port with C/D LOW.
Many of the registers are larger than 1 byte. For these
registers, consecutive accesses to register data (equal
to the number of bytes in the register) are required. The
order is LSByte to MSByte. For a write operation, if the
address changes before all the bytes are written, the
register is not changed to the new value.
The Status Register is accessed by reading the Node
Processor Port with the C/D pin HIGH. This reduces
the number of operations necessary to access the
Status Register.
All bit fields are ordered such that the left most bit is the
most significant bit. Unused register banks, ports and
register numbers are reserved and should not be ac-
cessed as this may cause device malfunction. When
specifying the register bank or port number, the follow-
ing format is used:
P4:0 represent the Register Bank or Port Number, or-
ganized as follows:
P = P4 P3 P2 P1 P0
P
Port/Register Bank
0
Repeater Registers
1
Interrupt Registers
2
Interrupt Control Registers
3
Port Control Registers
4
Port Status Registers
5
RMON Registers
7
Packet Report Registers
16- 30
Port Attributes
The register to be accessed for reading or writing is
specified by writing the following control byte to the
C register:
R = R4 R3 R2 R1 R0
Figure 1 shows the Management Register Map, and
Table 1 shows register banks and register assignments
within the register banks.
RMON
Remote monitoring (RMON) functions are designed to
give the management system the capability to remotely
monitor the hub for diagnostic purposes. The rules for
RMON are described in the RMON MIB (as of this
writing IETF RFC1578).
The IMR2 device provides direct support for both the
statistics and history object groups. Indirect support is
provided for the alarm, host, hostTopN, event, and ma-
trix groups. Direct support is provided via the RMON
register set and relevant attribute registers. Indirect
support is provided through the Packet Report Port.
Packet Reports
The IMR2 device generates status information on
every packet that it repeats. The data is transmitted
over the Packet Report Port. The data format consists
of the beginning of the packet followed by a packet tag
and statistical data on the packet.
0
0
0
P4
P3
P2
P1
P0
C Port Write
MSB
LSB
1
1
1
R4
R3
R2
R1
R0
C Port Write
MSB
LSB
Preamble DA SA T/L Packet Data
Var. Length
Tag &
FCS
Port No., New
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com