Electronic Components Datasheet Search
  English  ▼

X  

AM79C983A Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 34Page - Advanced Micro Devices AM79C983A Datasheet HTML 35Page - Advanced Micro Devices AM79C983A Datasheet HTML 36Page - Advanced Micro Devices AM79C983A Datasheet HTML 37Page - Advanced Micro Devices AM79C983A Datasheet HTML 38Page - Advanced Micro Devices AM79C983A Datasheet HTML 39Page - Advanced Micro Devices AM79C983A Datasheet HTML 40Page - Advanced Micro Devices AM79C983A Datasheet HTML 41Page - Advanced Micro Devices AM79C983A Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
Am79C983A
PRELIMINARY
are ignored. This feature is useful when implementing
port switching. The IMR2 device connected to the QuIET
device serial interface will still report correct status on
the Link and Polarity LEDs. The ports default to the
XENA value on reset.
Pn/AUI/RAUI
0
Isolate the corresponding port
1
Connect the corresponding port
Note: If a port is isolated during an incoming or transmit-
ted packet, repeating the packet is immediately stopped.
If a port is connected during an incoming packet, the ac-
tual connection is delayed until after the end of the packet.
If a port is connected while the IMR2 device is repeating
a packet, the connection is made immediately.
Extended Distance Enable
Address:
1110 1000
Setting a bit on this register lowers the input threshold
on RXD of the corresponding QuIET transceiver. This
allows the use of a twisted pair cable longer than 100
meters. This register is only in effect if the correspond-
ing port is connected to a QuIET device. On reset, this
register defaults to Extended Distance Option disabled.
TPn/SPn
0
Extended
Distance
Option
disabled
1
Extended
Distance
Option
enabled
Automatic Last Source Address Intrusion Control
Address:
1110 1001
Automatic Intrusion Control disables a port automati-
cally when a valid packet (no errors) is received with a
source address which is not a valid address for that
port. Before a bit on this register is set, the correspond-
ing Last Source Address Register should contain a
valid address for that port. On reset, this register de-
faults to Automatic Intrusion Control with Last Source
Address disabled. See note under
Automatic Preferred
Source Address Intrusion Control.
Pn/AUI/RAU
0
Automatic Intrusion Control with
Last Source Address disabled
1
Automatic Intrusion Control with
Last Source Address enabled
Automatic Preferred Source Address Intrusion Control
Address:
1110 1010
Automatic Intrusion Control disables a port automatically
when a valid packet (no errors) is received with a source
address which is not a valid address for that port. Before
a bit on this register is set, the corresponding Preferred
Address register should contain a valid address for that
port. On reset, this register defaults to Automatic Intrusion
Control with Preferred Source Address disabled.
Pn/AUI/RAUI
0
Automatic Intrusion Control with
Preferred
Source
Address
disabled
1
Automatic Intrusion Control with
Preferred
Source
Address
enabled
Note: The Automatic Preferred Source Address Intru-
sion Control Register and the Automatic Last Source Ad-
dress Intrusion Control Register work together. If intrusion
on a port is not enabled on either register, intrusion control
is not performed for that port. If intrusion on a port is en-
abled on only one of the intrusion control registers, intru-
sion control is based on the corresponding enabled
register. If intrusion on a port is enabled on both intrusion
control registers, the port is disabled if the source address
fails to match both the Last Source Address Register and
the Preferred Source Address Register.
Last Source Address Lock Control
Address:
1110 1011
Whenever the source address of an incoming packet is
different from the Last Source Address Register, the
new source address is written into the Last Source Ad-
dress Register. Setting a bit on this register disables
automatic updating of the Last Source Address Regis-
ter based on the last received packet. The Last Source
Address Register can still be written into via the node
processor interface. On reset, this register defaults to
Last Source Address Lock disabled. Note that a re-
peater that uses Last Source Address Lock Control will
not comply with IETF RFC 1516.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
MSB
LSB
TP7
TP6 TP5
TP4
TP3
TP2
TP1
TP0
SP3 SP2 SP1 SP0 TP11 TP10 TP9 TP8
Byte 0
Byte 1
D Port Read/Write
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read/ Write
Byte 0
Byte 1
MSB
LSB
P7
P6
P5
P4
P3
P2
P1
P0
0
EP
RAUI
AUI P11 P10 P9
P8
D Port Read/Write
Byte 0
Byte 1
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com