Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 5Page - Texas Instruments LM2671 Datasheet HTML 6Page - Texas Instruments LM2671 Datasheet HTML 7Page - Texas Instruments LM2671 Datasheet HTML 8Page - Texas Instruments LM2671 Datasheet HTML 9Page - Texas Instruments LM2671 Datasheet HTML 10Page - Texas Instruments LM2671 Datasheet HTML 11Page - Texas Instruments LM2671 Datasheet HTML 12Page - Texas Instruments LM2671 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
Typical Performance Characteristics
(Circuit of Figure 22)
Continuous Mode Switching Waveforms
Discontinuous Mode Switching Waveforms
VIN = 20V, VOUT = 5V, ILOAD = 500 mA
VIN = 20V, VOUT = 5V, ILOAD = 300 mA
L = 100
μH, COUT = 100 μF, COUTESR = 0.1Ω
L = 15
μH, COUT = 68 μF (2×), COUTESR = 25 mΩ
A: VSW Pin Voltage, 10 V/div.
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.2 A/div
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 50 mV/div AC-Coupled
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Figure 18. Horizontal Time Base: 1
μs/div
Figure 19. Horizontal Time Base: 1
μs/div
Load Transient Response for Continuous Mode
Load Transient Response for Discontinuous Mode
VIN = 20V, VOUT = 5V
VIN = 20V, VOUT = 5V,
L = 100
μH, COUT = 100 μF, COUTESR = 0.1Ω
L = 47
μH, COUT = 68 μF, COUTESR = 50 mΩ
A: Output Voltage, 100 mV/div, AC-Coupled
A: Output Voltage, 100 mV/div, AC-Coupled
B: Load Current: 100 mA to 500 mA Load Pulse
B: Load Current: 100 mA to 400 mA Load Pulse
Figure 20. Horizontal Time Base: 50
μs/div
Figure 21. Horizontal Time Base: 200
μs/div
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com