Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 3 Page - Texas Instruments

  LM2671 Datasheet HTML 1Page - Texas Instruments LM2671 Datasheet HTML 2Page - Texas Instruments LM2671 Datasheet HTML 3Page - Texas Instruments LM2671 Datasheet HTML 4Page - Texas Instruments LM2671 Datasheet HTML 5Page - Texas Instruments LM2671 Datasheet HTML 6Page - Texas Instruments LM2671 Datasheet HTML 7Page - Texas Instruments LM2671 Datasheet HTML 8Page - Texas Instruments LM2671 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V ≤ VSH ≤ 6V
Switch Voltage to Ground
−1V
Boost Pin Voltage
VSW + 8V
Feedback Pin Voltage
−0.3V ≤ VFB ≤ 14V
ESD Susceptibility
Human Body Model (3)
2 kV
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Lead Temperature
D Package
Vapor Phase (60s)
+215°C
Infrared (15s)
+220°C
P Package (Soldering, 10s)
+260°C
WSON Package (See AN-1187)
Maximum Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but device parameter specifications may not be ensured under these conditions. For
ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
Supply Voltage
6.5V to 40V
Temperature Range
−40°C ≤ TJ ≤ +125°C
Electrical Characteristics LM2671-3.3
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range.
Typical
Min (2)
Max (2)
Symbol
Parameter
Conditions
Units
(1)
SYSTEM PARAMETERS Test Circuit Figure 22 (3)
VOUT
Output Voltage
VIN = 8V to 40V, ILOAD = 20 mA to 500 mA
3.3
3.251/3.201
3.350/3.399
V
VOUT
Output Voltage
VIN = 6.5V to 40V, ILOAD = 20 mA to 250 mA
3.3
3.251/3.201
3.350/3.399
V
η
Efficiency
VIN = 12V, ILOAD = 500 mA
86
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2671 is used as shown in Figure 22 and Figure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com