Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 20Page - Texas Instruments LM2671 Datasheet HTML 21Page - Texas Instruments LM2671 Datasheet HTML 22Page - Texas Instruments LM2671 Datasheet HTML 23Page - Texas Instruments LM2671 Datasheet HTML 24Page - Texas Instruments LM2671 Datasheet HTML 25Page - Texas Instruments LM2671 Datasheet HTML 26Page - Texas Instruments LM2671 Datasheet HTML 27Page - Texas Instruments LM2671 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2671LD-ADJ
NRND
WSON
NHN
16
1000
TBD
Call TI
Call TI
-40 to 125
S0008B
LM2671LD-ADJ/NOPB
ACTIVE
WSON
NHN
16
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
S0008B
LM2671M-12/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2671
M-12
LM2671M-3.3/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2671
M3.3
LM2671M-5.0
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2671
M5.0
LM2671M-5.0/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2671
M5.0
LM2671M-ADJ
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2671
MADJ
LM2671M-ADJ/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2671
MADJ
LM2671MX-12/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2671
M-12
LM2671MX-3.3/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2671
M3.3
LM2671MX-5.0
NRND
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
2671
M5.0
LM2671MX-5.0/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2671
M5.0
LM2671MX-ADJ/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2671
MADJ
LM2671N-12/NOPB
ACTIVE
PDIP
P
8
40
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2671
N-12
LM2671N-3.3/NOPB
ACTIVE
PDIP
P
8
40
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2671
N-3.3
LM2671N-5.0
NRND
PDIP
P
8
40
TBD
Call TI
Call TI
-40 to 125
LM2671
N-5.0
LM2671N-5.0/NOPB
ACTIVE
PDIP
P
8
40
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-NA-UNLIM
-40 to 125
LM2671
N-5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com