Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 16Page - Texas Instruments LM2671 Datasheet HTML 17Page - Texas Instruments LM2671 Datasheet HTML 18Page - Texas Instruments LM2671 Datasheet HTML 19Page - Texas Instruments LM2671 Datasheet HTML 20Page - Texas Instruments LM2671 Datasheet HTML 21Page - Texas Instruments LM2671 Datasheet HTML 22Page - Texas Instruments LM2671 Datasheet HTML 23Page - Texas Instruments LM2671 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
LM2671
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
5. Input Capacitor (CIN)
5. Input Capacitor (CIN)
A low ESR aluminum or tantalum bypass capacitor is needed
The important parameters for the input capacitor are the input
between the input pin and ground to prevent large voltage transients
voltage rating and the RMS current rating. With a maximum input
from appearing at the input. This capacitor should be located close
voltage of 28V, an aluminum electrolytic capacitor with a voltage
to the IC using short leads. In addition, the RMS current rating of the
rating of at least 35V (1.25 × VIN) would be needed.
input capacitor should be selected to be at least ½ the DC load
The RMS current rating requirement for the input capacitor in a buck
current. The capacitor manufacturer data sheet must be checked to
regulator is approximately ½ the DC load current. In this example,
assure that this current rating is not exceeded. The curves shown in
with a 500 mA load, a capacitor with a RMS current rating of at least
Figure 28 show typical RMS current ratings for several different
250 mA is needed. The curves shown in Figure 28 can be used to
aluminum electrolytic capacitor values. A parallel connection of two
select an appropriate input capacitor. From the curves, locate the
or more capacitors may be required to increase the total minimum
35V line and note which capacitor values have RMS current ratings
RMS current rating to suit the application requirements.
greater than 250 mA.
For an aluminum electrolytic capacitor, the voltage rating should be
For a through hole design, a 68
μF/35V electrolytic capacitor
at least 1.25 times the maximum input voltage. Caution must be
(Panasonic HFQ series, Nichicon PL, Sanyo MV-GX series or
exercised if solid tantalum capacitors are used. The tantalum
equivalent) would be adequate. Other types or other manufacturers'
capacitor voltage rating should be twice the maximum input voltage.
capacitors can be used provided the RMS ripple current ratings are
The tables in Recommended Application Voltage for AVX TPS and
adequate. Additionally, for a complete surface mount design,
Sprague 594D Tantalum Chip Capacitors Derated for 85°C. show
electrolytic capacitors such as the Sanyo CV-C or CV-BS and the
the recommended application voltage for AVX TPS and Sprague
Nichicon WF or UR and the NIC Components NACZ series could be
594D tantalum capacitors. It is also recommended that they be surge considered.
current tested by the manufacturer. The TPS series available from
For surface mount designs, solid tantalum capacitors can be used,
AVX, and the 593D and 594D series from Sprague are all surge
but caution must be exercised with regard to the capacitor surge
current tested. Another approach to minimize the surge current
current rating and voltage rating. In this example, checking
stresses on the input capacitor is to add a small inductor in series
Recommended Application Voltage for AVX TPS and Sprague 594D
with the input supply line.
Tantalum Chip Capacitors Derated for 85°C., and the Sprague 594D
Use caution when using ceramic capacitors for input bypassing,
series datasheet, a Sprague 594D 15
μF, 50V capacitor is adequate.
because it may cause severe ringing at the VIN pin.
6. Boost Capacitor (CB)
6. Boost Capacitor (CB)
This capacitor develops the necessary voltage to turn the switch
For this application, and all applications, use a 0.01
μF, 50V ceramic
gate on fully. All applications should use a 0.01
μF, 50V ceramic
capacitor.
capacitor.
If the soft-start and frequency synchronization features are desired,
look at steps 6 and 7 in the fixed output design procedure.
Table 9. Capacitor Code Selection Guide
Inductance (
μH)
Case
Output
Style (1)
Voltage (V)
22
33
47
68
100
150
220
SM and TH
1.21–2.50
—
—
—
—
C1
C2
C3
SM and TH
2.50–3.75
—
—
—
C1
C2
C3
C3
SM and TH
3.75–5.0
—
—
C4
C5
C6
C6
C6
SM and TH
5.0–6.25
—
C4
C7
C6
C6
C6
C6
SM and TH
6.25–7.5
C8
C4
C7
C6
C6
C6
C6
SM and TH
7.5–10.0
C9
C10
C11
C12
C13
C13
C13
SM and TH
10.0–12.5
C14
C11
C12
C12
C13
C13
C13
SM and TH
12.5–15.0
C15
C16
C17
C17
C17
C17
C17
SM and TH
15.0–20.0
C18
C19
C20
C20
C20
C20
C20
SM and TH
20.0–30.0
C21
C22
C22
C22
C22
C22
C22
TH
30.0–37.0
C23
C24
C24
C25
C25
C25
C25
(1)
SM - Surface Mount, TH - Through Hole
Table 10. Output Capacitor Selection Table
Output Capacitor
Surface Mount
Through Hole
Cap.
Sprague
AVX TPS
Sanyo OS-CON
Sanyo MV-GX
Nichicon
Panasonic
Ref.
Desg.
594D Series
Series
SA Series
Series
PL Series
HFQ Series
#
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
C1
120/6.3
100/10
100/10
220/35
220/35
220/35
C2
120/6.3
100/10
100/10
150/35
150/35
150/35
20
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com