Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 15Page - Texas Instruments LM2671 Datasheet HTML 16Page - Texas Instruments LM2671 Datasheet HTML 17Page - Texas Instruments LM2671 Datasheet HTML 18Page - Texas Instruments LM2671 Datasheet HTML 19Page - Texas Instruments LM2671 Datasheet HTML 20Page - Texas Instruments LM2671 Datasheet HTML 21Page - Texas Instruments LM2671 Datasheet HTML 22Page - Texas Instruments LM2671 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
C. On the horizontal axis, select the maximum load current.
C. ILOAD(max) = 500 mA
D. Identify the inductance region intersected by the E • T value and
D. From the inductor value selection guide shown in Figure 27, the
the Maximum Load Current value. Each region is identified by an
inductance region intersected by the 21.6 (V •
μs) horizontal line and
inductance value and an inductor code (LXX).
the 500 mA vertical line is 100
μH, and the inductor code is L20.
E. Select an appropriate inductor from the four manufacturer's part
E. From the table in Table 1, locate line L20, and select an inductor
numbers listed in Table 1. For information on the different types of
part number from the list of manufacturers' part numbers.
inductors, see the inductor selection in the fixed output voltage
design procedure.
3. Output Capacitor SeIection (COUT)
3. Output Capacitor SeIection (COUT)
A. Select an output capacitor from the capacitor code selection guide A. Use the appropriate row of the capacitor code selection guide, in
in Table 9. Using the inductance value found in the inductor
Table 9. For this example, use the 15–20V row. The capacitor code
selection guide, step 1, locate the appropriate capacitor code
corresponding to an inductance of 100
μH is C20.
corresponding to the desired output voltage.
B. Select an appropriate capacitor value and voltage rating, using
B. From the output capacitor selection table in Table 10, choose a
the capacitor code, from the output capacitor selection table in
capacitor value (and voltage rating) that intersects the capacitor
Table 10. There are two solid tantalum (surface mount) capacitor
code(s) selected in section A, C20.
manufacturers and four electrolytic (through hole) capacitor
The capacitance and voltage rating values corresponding to the
manufacturers to choose from. It is recommended that both the
capacitor code C20 are the:
manufacturers and the manufacturer's series that are listed in the
Surface Mount:
table be used. A table listing the manufacturers' phone numbers is
33
μF/25V
Sprague 594D Series.
located in Table 4.
33
μF/25V
AVX TPS Series.
Through Hole:
33
μF/25V
Sanyo OS-CON SC Series.
120
μF/35V
Sanyo MV-GX Series.
120
μF/35V
Nichicon PL Series.
120
μF/35V
Panasonic HFQ Series.
Other manufacturers or other types of capacitors may also be used,
provided the capacitor specifications (especially the 100 kHz ESR)
closely match the characteristics of the capacitors listed in the output
capacitor table. Refer to the capacitor manufacturers' data sheet for
this information.
4. Catch Diode Selection (D1)
4. Catch Diode Selection (D1)
A. In normal operation, the average current of the catch diode is the
A. Refer to the table shown in Table 5. Schottky diodes provide the
load current times the catch diode duty cycle, 1-D (D is the switch
best performance, and in this example a 1A, 40V Schottky diode
duty cycle, which is approximately VOUT/VIN). The largest value of
would be a good choice. If the circuit must withstand a continuous
the catch diode average current occurs at the maximum input
shorted output, a higher current (at least 1.2A) Schottky diode is
voltage (minimum D). For normal operation, the catch diode current
recommended.
rating must be at least 1.3 times greater than its maximum average
current. However, if the power supply design must withstand a
continuous output short, the diode should have a current rating
greater than the maximum current limit of the LM2671. The most
stressful condition for this diode is a shorted output condition.
B. The reverse voltage rating of the diode should be at least 1.25
times the maximum input voltage.
C. Because of their fast switching speed and low forward voltage
drop, Schottky diodes provide the best performance and efficiency.
The Schottky diode must be located close to the LM2671 using short
leads and short printed circuit traces.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com