Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 8Page - Texas Instruments LM2671 Datasheet HTML 9Page - Texas Instruments LM2671 Datasheet HTML 10Page - Texas Instruments LM2671 Datasheet HTML 11Page - Texas Instruments LM2671 Datasheet HTML 12Page - Texas Instruments LM2671 Datasheet HTML 13Page - Texas Instruments LM2671 Datasheet HTML 14Page - Texas Instruments LM2671 Datasheet HTML 15Page - Texas Instruments LM2671 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
LM2671
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
ON/OFF
This input provides an electrical ON/OFF control of the power supply. Connecting this pin to ground or to any
voltage less than 0.8V will completely turn OFF the regulator. The current drain from the input supply when OFF
is only 50
μA. The ON/OFF input has an internal pull-up current source of approximately 20μA and a protection
clamp zener diode of 7V to ground. When electrically driving the ON/OFF pin the high voltage level for the ON
condition should not exceed the 6V absolute maximum limit. When ON/OFF control is not required this pin
should be left open.
DAP (WSON PACKAGE)
The Die Attach Pad (DAP) can and should be connected to the PCB Ground plane/island. For CAD and
assembly guidelines refer to Application Note SNOA401.
LM2671 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
To simplify the buck regulator design procedure, Texas Instruments
is making available computer design software to be used with the
SIMPLE SWITCHER line of switching regulators.LM267X Made
Simple (version 6.0) is available on Windows® 3.1, NT, or 95
operating systems.
Given:
Given:
VOUT = Regulated Output Voltage (3.3V, 5V, or 12V)
VOUT = 5V
VIN(max) = Maximum DC Input Voltage
VIN(max) = 12V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 500 mA
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Figure 24
A. Use the inductor selection guide for the 5V version shown in
and Figure 25 or Figure 26 (output voltages of 3.3V, 5V, or 12V
Figure 25.
respectively). For all other voltages, see the design procedure for the
adjustable version.
B. From the inductor value selection guide, identify the inductance
B. From the inductor value selection guide shown in Figure 25, the
region intersected by the Maximum Input Voltage line and the
inductance region intersected by the 12V horizontal line and the 500
Maximum Load Current line. Each region is identified by an
mA vertical line is 47
μH, and the inductor code is L13.
inductance value and an inductor code (LXX).
C. Select an appropriate inductor from the four manufacturer's part
C. The inductance value required is 47
μH. From the table in
numbers listed in Table 1. Each manufacturer makes a different style Table 1, go to the L13 line and choose an inductor part number from
of inductor to allow flexibility in meeting various design requirements. any of the four manufacturers shown. (In most instances, both
Listed below are some of the differentiating characteristics of each
through hole and surface mount inductors are available.)
manufacturer's inductors:
Schott: ferrite EP core inductors; these have very low leakage
magnetic fields to reduce electro-magnetic interference (EMI) and
are the lowest power loss inductors
Renco: ferrite stick core inductors; benefits are typically lowest cost
inductors and can withstand E•T and transient peak currents above
rated value. Be aware that these inductors have an external
magnetic field which may generate more EMI than other types of
inductors.
Pulse: powered iron toroid core inductors; these can also be low cost
and can withstand larger than normal E•T and transient peak
currents. Toroid inductors have low EMI.
Coilcraft: ferrite drum core inductors; these are the smallest physical
size inductors, available only as SMT components. Be aware that
these inductors also generate EMI—but less than stick inductors.
Complete specifications for these inductors are available from the
respective manufacturers. A table listing the manufacturers' phone
numbers is located in Table 2.
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. Select an output capacitor from the output capacitor table in
A. Use the 5.0V section in the output capacitor table in Table 10.
Table 10. Using the output voltage and the inductance value found in Choose a capacitor value and voltage rating from the line that
the inductor selection guide, step 1, locate the appropriate capacitor
contains the inductance value of 47
μH. The capacitance and
value and voltage rating.
voltage rating values corresponding to the 47
μH inductor are the:
12
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com