Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 13Page - Texas Instruments LM2671 Datasheet HTML 14Page - Texas Instruments LM2671 Datasheet HTML 15Page - Texas Instruments LM2671 Datasheet HTML 16Page - Texas Instruments LM2671 Datasheet HTML 17Page - Texas Instruments LM2671 Datasheet HTML 18Page - Texas Instruments LM2671 Datasheet HTML 19Page - Texas Instruments LM2671 Datasheet HTML 20Page - Texas Instruments LM2671 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
Table 5. Schottky Diode Selection Table (continued)
1A Diodes
3A Diodes
VR
Surface
Through
Surface
Through
Mount
Hole
Mount
Hole
40V
SK14
1N5819
SK34
1N5822
B140
11DQ04
30BQ040
MBR340
MBRS140
SR104
30WQ04F
31DQ04
10BQ040
MBRS340
SR304
10MQ040
MBRD340
15MQ040
50V
SK15
MBR150
SK35
MBR350
B150
11DQ05
30WQ05F
31DQ05
10BQ050
SR105
SR305
Table 6. Diode Manufacturers' Phone Numbers
International Rectifier Corp.
Phone
(310) 322-3331
FAX
(310) 322-3332
Motorola, Inc.
Phone
(800) 521-6274
FAX
(602) 244-6609
General Instruments Corp.
Phone
(516) 847-3000
FAX
(516) 847-3236
Diodes, Inc.
Phone
(805) 446-4800
FAX
(805) 446-4850
Figure 28. RMS Current Ratings for Low ESR Electrolytic Capacitors (Typical)
Recommended Application Voltage for AVX TPS and Sprague 594D Tantalum Chip Capacitors Derated
for 85°C.
Table 7. AVX TPS
Recommended
Voltage
Application Voltage
Rating
+85°C Rating
3.3
6.3
5
10
10
20
12
25
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com