Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 6Page - Texas Instruments LM2671 Datasheet HTML 7Page - Texas Instruments LM2671 Datasheet HTML 8Page - Texas Instruments LM2671 Datasheet HTML 9Page - Texas Instruments LM2671 Datasheet HTML 10Page - Texas Instruments LM2671 Datasheet HTML 11Page - Texas Instruments LM2671 Datasheet HTML 12Page - Texas Instruments LM2671 Datasheet HTML 13Page - Texas Instruments LM2671 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM2671
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
TEST CIRCUIT AND LAYOUT GUIDELINES
CIN - 22 μF, 50V Tantalum, Sprague “199D Series”
COUT - 47 μF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68
μH Sumida #RCR110D-680L
CB - 0.01 μF, 50V Ceramic
Figure 22. Standard Test Circuits and Layout Guides
Fixed Output Voltage Versions
CIN - 22 μF, 50V Tantalum, Sprague “199D Series”
COUT - 47 μF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68
μH Sumida #RCR110D-680L
R1 - 1.5 k
Ω, 1%
CB - 0.01 μF, 50V Ceramic
For a 5V output, select R2 to be 4.75 k
Ω, 1%
where VREF = 1.21V
Use a 1% resistor for best stability.
Figure 23. Standard Test Circuits and Layout Guides
Adjustable Output Voltage Versions
Application Hints
The LM2671 provides all of the active functions required for a step-down (buck) switching regulator. The internal
power switch is a DMOS power MOSFET to provide power supply designs with high current capability, up to
0.5A, and highly efficient operation.
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com