Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APU428 Datasheet HTML 4Page - Aplus Intergrated Circuits APU428 Datasheet HTML 5Page - Aplus Intergrated Circuits APU428 Datasheet HTML 6Page - Aplus Intergrated Circuits APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits APU428 Datasheet HTML 10Page - Aplus Intergrated Circuits APU428 Datasheet HTML 11Page - Aplus Intergrated Circuits APU428 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Segment driver output characteristics
Name
Symbol
Condition
For
Min.
Typ.
Max.
Unit
Static display mode
VOH1d
IOH=-1 A, #1
1.0
V
VOH2d
IOH=-1 A, #2
2.2
V
Output H Voltage
VOH3d
IOH=-1 A, #3
3.8
V
VOL1d
IOL=1 A, #1
0.2
V
VOL2d
IOL=1 A, #2
0.2
V
Output L Voltage
VOL3d
IOL=1 A, #3
SEG-n
0.2
V
VOH1e
IOH=-10 A, #1
1.0
V
VOH2e
IOH=-10 A, #2
2.2
V
Output H Voltage
VOH3e
IOH=-10 A, #3
3.8
V
VOL1e
IOL=10 A, #1
0.2
V
VOL2e
IOL=10 A, #2
0.2
V
Output L Voltage
VOL3e
IOL=10 A, #3
COM-n
0.2
V
1/2 bias display mode
VOH12f
IOH=-1 A, #1, #2
2.2
V
Output H Voltage
VOH3f
IOH=-1 A, #3
3.8
V
VOL12f
IOL=1 A, #1, #2
0.2
V
Output L Voltage
VOL3f
IOL=1 A, #3
SEG-n
0.2
V
VOH12g
IOH=-10 A, #1, #2
2.2
V
Output H Voltage
VOH3g
IOH=-10 A, #3
3.8
V
VOM12g
IOI/H= 10 A, #1, #2
1.0
1.4
V
Output M Voltage
VOM3g
IOI/H= 10 A, #3
1.8
2.2
V
VOL12g
IOL=10 A, #1, #2
0.2
V
Output L Voltage
VOL3g
IOL=10 A, #3
COM-n
0.2
V
1/3 bias display mode
VOH12i
IOH=-1 A, #1, #2
3.4
V
Output H Voltage
VOH3i
IOH=-1 A, #3
5.8
V
VOM12i
IOI/H= 10 A, #1, #2
1.0
1.4
V
Output M1 Voltage
VOM13i
IOI/H= 10 A, #3
1.8
2.2
V
VOM22i
IOI/H= 10 A, #1, #2
2.2
2.6
V
Output M2 Voltage
VOM23i
IOI/H= 10 A, #3
3.8
4.2
V
VOL12i
IOL=1 A, #1, #2
0.2
V
Output L Voltage
VOL3i
IOL=1 A, #3
SEG-n
0.2
V
VOH12j
IOH=-10 A, #1, #2
3.4
V
Output H Voltage
VOH3j
IOH=-10 A, #3
5.8
V
VOM12j
IOI/H= 10 A, #1, #2
1.0
1.4
V
Output M1 Voltage
VOM13j
IOI/H= 10 A, #3
1.8
2.2
V
VOM22j
IOI/H= 10 A, #1, #2
2.2
2.6
V
Output M2 Voltage
VOM23j
IOI/H= 10 A, #3
3.8
4.2
V
VOL12j
IOL=10 A, #1, #2
0.2
V
Output L Voltage
VOL3j
IOL=10 A, #3
COM-n
0.2
V
Note: #1: VDD1= 1.2V ( Ag ), #2: VDD2= 2.4V ( Li ), #3: VDD2= 4V (Ext-V).
Preliminary
8
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com