Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  APU428 Datasheet HTML 1Page - Aplus Intergrated Circuits APU428 Datasheet HTML 2Page - Aplus Intergrated Circuits APU428 Datasheet HTML 3Page - Aplus Intergrated Circuits APU428 Datasheet HTML 4Page - Aplus Intergrated Circuits APU428 Datasheet HTML 5Page - Aplus Intergrated Circuits APU428 Datasheet HTML 6Page - Aplus Intergrated Circuits APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-Bit Micro-controller With LCD Driver
Features
Low power dissipation
Powerful instruction set (148 instructions)
Binary addition, subtraction, BCD
adjustment, logical operation in direct
addressing mode and index
addressing mode
Single-bit manipulation (set, reset, decision
for branch)
Various conditional branches
16 working registers and manipulation
LCD driver data transfer
Look-up table
Programmable option
System clock selection
Memory capacity
Instruction ROM capacity 2048 x 16 bits
Index ROM capacity 256 x 8 bits
Internal RAM capacity 256 x 4 bits
(low-address 128 nibbles can be accessed
by direct addressing, full-range 256 nibbles
can be accessed by index addressing)
Input/output ports
Port IOA 4 pins (with internal pull-low,
chattering clock, MUX with CX, RR, RT, RH/
SEG 37~40 by mask option)
Port IOB 4 pins (MUX with ELC, ELP, BZB,
BZ/SEG41, 42 by mask option)
Port IOC 4 pins (with internal pull-low,
low-level hold, chattering clock, MUX option
with AN1~4 by mask option)
Port IOD 4 pins (MUX with PWM1,
2/SEG33~36 by mask option)
8-level subroutine nesting
Interrupt function
External factor 2 (INT pin & port IOA, IOC
input)
Internal factor 4 (predivider, 2 timers & RFC)
Built-in EL-light driver, alarm, frequency or
melody generator (MUX with IOB/ SEG41, 42)
Built-in R to F converter circuit (MUX with
IOA/SEG37~40)
Built-in comparator, 6/8-bit PWM output, 4-bit
D/A converter, low-battery detector; this
structure can be used as a 4/6/8-bit full range
ADC
Port PWM 2 pins (MUX with SEG35, 36)
Port ADC 4 pins (MUX with IOC)
2 6-bit programmable timers with programmable
clock source
Watchdog timer
LCD/LED driver output
42 LCD/LED driver outputs (up to 168 LCD
segments are drivable)
Mask option is used to select static, 1/2 bias
1/2 duty, 1/2 bias 1/3 duty, 1/2 bias 1/4 duty,
1/3 bias 1/3 duty and 1/3 bias 1/4 duty drive
modes of the LCD panel
Mask option is used to select DC output,
and static, 1/2 duty, 1/3 duty and 1/4 duty
drive modes of the LED panel
Mask option is used to select SEG28~32 as
P open-drain DC outputs
Single instruction stops all segments that
are either in LCD or LED
Built-in voltage doubler, halver, tripler charge
pump circuit
Dual clock operation
HALT function
Stop function
General Description
APU428 is an embedded high-performance 4-bit
microcomputer with an LCD/LED driver. It contains
all the necessary functions in a single chip: 4-bit
parallel processing ALU, ROM, RAM, I/O ports, timer,
clock generator, dual clock, ADC, RFC, alarm,
EL-light, LCD driver, look-up table and watchdog
timer. The instruction set consists of 148 instructions
which include nibble operation, manipulation,
various conditional branch instructions and LCD
data transfer instructions which are powerful and
easy to follow.
The HALT function stops any internal operations other
than the oscillator, divider and LCD driver in order to
minimize the power dissipation.
The stop function stops all clocks in the chip.
Preliminary
1
Ver. 0.0
APU428


Similar Part No. - APU428

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU429 APLUS-APU429 Datasheet
439Kb / 18P
4-Bit Micro-controller With LCD Driver
More results

Similar Description - APU428

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4006 APLUS-APU4006 Datasheet
509Kb / 8P
4-Bit Micro-Controller with LCD Driver, 1K Word
APU429 APLUS-APU429 Datasheet
439Kb / 18P
4-Bit Micro-controller With LCD Driver
logo
List of Unclassifed Man...
MTU429B ETC1-MTU429B Datasheet
173Kb / 20P
4-Bit Micro-Controller with LCD Dr
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Megawin Technology Co.,...
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
8-Bit micro-controller with 1120 dots LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com